Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT139E Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT139E
Description  DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT139E Datasheet(HTML) 3 Page - Texas Instruments

  CD74ACT139E Datasheet HTML 1Page - Texas Instruments CD74ACT139E Datasheet HTML 2Page - Texas Instruments CD74ACT139E Datasheet HTML 3Page - Texas Instruments CD74ACT139E Datasheet HTML 4Page - Texas Instruments CD74ACT139E Datasheet HTML 5Page - Texas Instruments CD74ACT139E Datasheet HTML 6Page - Texas Instruments CD74ACT139E Datasheet HTML 7Page - Texas Instruments CD74ACT139E Datasheet HTML 8Page - Texas Instruments CD74ACT139E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CD54ACT139, CD74ACT139
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SCHS337 – MARCH 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
TA = 25°C
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VCC
Supply voltage
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
IOH
High-level output current
–24
–24
–24
mA
IOL
Low-level output current
24
24
24
mA
∆t/∆v
Input transition rise or fall rate
10
10
10
ns/V
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
CC
MIN
MAX
MIN
MAX
MIN
MAX
IOH = –50 µA
4.5 V
4.4
4.4
4.4
VOH
VI =VIH or VIL
IOH = –24 mA
4.5 V
3.94
3.7
3.8
V
VOH
VI = VIH or VIL
IOH = –50 mA†
5.5 V
3.85
V
IOH = –75 mA†
5.5 V
3.85
IOL = 50 µA
4.5 V
0.1
0.1
0.1
VOL
VI =VIH or VIL
IOL = 24 mA
4.5 V
0.36
0.5
0.44
V
VOL
VI = VIH or VIL
IOL = 50 mA†
5.5 V
1.65
V
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
µA
DICC‡
VI = VCC – 2.1 V
4.5 V to 5.5 V
2.4
3
2.8
mA
Ci
10
10
10
pF
† Test one output at a time, not exceeding 1-second duration. Measurement is made by forcing indicated current and measuring voltage to minimize
power dissipation. Test verifies a minimum 50-
Ω transmission-line drive capability at 85°C and 75-Ω transmission-line drive capability at 125°C.
‡ Additional quiescent supply current per input pin, TTL inputs high, 1 unit load
ACT INPUT LOAD TABLE
INPUT
UNIT LOAD
A or B
1
G
0.67
Unit Load is
∆ICC limit specified in
electrical
characteristics
table
(e.g., 2.4 mA at 25
°C).


Similar Part No. - CD74ACT139E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT139E TI-CD74ACT139E Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
CD74ACT139E TI-CD74ACT139E Datasheet
869Kb / 14P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139EE4 TI-CD74ACT139EE4 Datasheet
869Kb / 14P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - CD74ACT139E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54HC139 TI-SN54HC139 Datasheet
535Kb / 16P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HCT139 TI-SN54HCT139 Datasheet
93Kb / 5P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54AHC139 TI-SN54AHC139 Datasheet
115Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Aeroflex Circuit Techno...
UT54ACS139 AEROFLEX-UT54ACS139 Datasheet
248Kb / 10P
   Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
Texas Instruments
SN54LV139A TI-SN54LV139A_08 Datasheet
779Kb / 19P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI-SN54HC139_07 Datasheet
678Kb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74155J TI-SN74155J Datasheet
1Mb / 23P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139MG4 TI-CD74ACT139MG4 Datasheet
869Kb / 14P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54155 TI1-SN54155_15 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54LS139A TI1-SN54LS139A_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com