Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

A3988 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part No. A3988
Description  Quad DMOS Full Bridge PWM Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3988 Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A3988 Datasheet HTML 5Page - Allegro MicroSystems A3988 Datasheet HTML 6Page - Allegro MicroSystems A3988 Datasheet HTML 7Page - Allegro MicroSystems A3988 Datasheet HTML 8Page - Allegro MicroSystems A3988 Datasheet HTML 9Page - Allegro MicroSystems A3988 Datasheet HTML 10Page - Allegro MicroSystems A3988 Datasheet HTML 11Page - Allegro MicroSystems A3988 Datasheet HTML 12Page - Allegro MicroSystems A3988 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Quad DMOS Full Bridge PWM Motor Driver
A3988
12
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
EV Package, 36 Pin QFN with Exposed Thermal Pad
C
SEATING
PLANE
6.00
6.00
0.50
0.90
0.30
1.15
0.50
5.80
5.80
4.15
4.15
0.55
4.15
4.15
0.25
C
0.08
36X
D Coplanarity includes exposed thermal pad and terminals
D
36
36
2
1
2
1
36
2
1
A
A Terminal #1 mark area
B Exposed thermal pad (reference only, terminal #1
identifier appearance at supplier discretion)
C
C
Reference land pattern layout (reference IPC7351
QFN50P600X600X100-37V1M); All pads a minimum of 0.20 mm from
all adjacent pads; adjust as necessary to meet application process
requirements and PCB layout tolerances; when mounting on a
multilayer PCB, thermal vias at the exposed thermal pad land can
improve thermal dissipation (reference EIA/JEDEC Standard JESD51-5)
All dimensions nominal, not for tooling use
(reference JEDEC MO-220VJJD-1, case fig. 1)
Dimensions in millimeters
Exact case and lead configuration at supplier discretion within limits shown


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn