Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32562J1105J Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # B32562J1105J
Description  Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B32562J1105J Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button B32562J1105J Datasheet HTML 2Page - Siemens Semiconductor Group B32562J1105J Datasheet HTML 3Page - Siemens Semiconductor Group B32562J1105J Datasheet HTML 4Page - Siemens Semiconductor Group B32562J1105J Datasheet HTML 5Page - Siemens Semiconductor Group B32562J1105J Datasheet HTML 6Page - Siemens Semiconductor Group B32562J1105J Datasheet HTML 7Page - Siemens Semiconductor Group B32562J1105J Datasheet HTML 8Page - Siemens Semiconductor Group B32562J1105J Datasheet HTML 9Page - Siemens Semiconductor Group B32562J1105J Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
58
Siemens Matsushita Components
MKT
15
Capacitance tolerance:
± 20 % =ˆ M, ± 10 % =ˆ K, ± 5 % =ˆ J
Special dimensions available upon request. For corresponding design rules, refer to page 238.
Ordering codes and packing units, lead spacing 15 mm
VR
(
Vrms,
f
≤ 60 Hz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Ammo
pack
Reel
Untaped
100 Vdc
(63 Vac)
1,0
µF
3,2
× 6,3 × 16,5 B32562-J1105-+*** 1750
2000
1500
1,5
µF
4,0
× 7,3 × 16,5 B32562-J1155-+*** 1460
1500
1000
2,2
µF
4,9
× 8,0 × 16,5 B32562-J1225-+*** 1190
1300
800
3,3
µF
6,0
× 9,3 × 16,5 B32562-J1335-+***
960
1000
500
4,7
µF
7,3
× 10,6 × 16,5 B32562-J1475-+***
790
900
400
6,8
µF
9,0
× 11,8 × 16,5 B32562-J1685-+***
640
700
290
10
µF
11,8
× 13,0 × 16,5 B32562-J1106-+
200
250 Vdc
(160 Vac)
0,22
µF
3,2
× 5,6 × 16,5 B32562-J3224-+*** 1750
2000
1700
0,33
µF
4,0
× 6,2 × 16,5 B32562-J3334-+*** 1460
1500
1200
0,47
µF
5,0
× 6,7 × 16,5 B32562-J3474-+*** 1190
1300
950
0,68
µF
6,0
× 7,8 × 16,5 B32562-J3684-+***
960
1000
500
1,0
µF
7,0
× 9,3 × 16,5 B32562-J3105-+***
830
900
500
1,5
µF
8,7
× 11,0 × 16,5 B32562-J3155-+***
660
700
300
2,2
µF
10,7
× 12,8 × 16,5 B32562-J3225-+
200
3,3
µF
13,9
× 14,5 × 16,5 B32562-J3335-+
150
400 Vdc
(200 Vac)
22 nF
3,3
× 5,6 × 16,5 B32562-J6223-+*** 1750
2000
1800
33 nF
3,3
× 5,6 × 16,5 B32562-J6333-+*** 1750
2000
1800
47 nF
3,3
× 5,6 × 16,5 B32562-J6473-+*** 1870
2100
1800
68 nF
3,3
× 5,6 × 16,5 B32562-J6683-+*** 1800
2000
1800
0,10
µF
3,3
× 5,6 × 16,5 B32562-J6104-+*** 1700
1900
1600
0,15
µF
3,9
× 6,5 × 16,5 B32562-J6154-+*** 1420
1600
1200
0,22
µF
4,7
× 7,5 × 16,5 B32562-J6224-+*** 1240
1300
850
0,33
µF
6,0
× 8,3 × 16,5 B32562-J6334-+***
960
1000
500
0,47
µF
7,3
× 9,3 × 16,5 B32562-J6474-+***
790
900
450
0,68
µF
8,9
× 10,8 × 16,5 B32562-J6684-+***
640
700
300
1,0
µF
10,9
× 12,5 × 16,5 B32562-J6105-+
200
630 Vdc
(350 Vac)
0,10
µF
6,2
× 9,3 × 16,5 B32562-J8104-+
700
0,15
µF
7,6
× 10,8 × 16,5 B32562-J8154-+
500
0,22
µF
9,2
× 12,2 × 16,5 B32562-J8224-+
350
0,33
µF 11,2 × 14,2 × 16,5 B32562-J8334-+
250
0,47
µF 13,5 × 16,3 × 16,5 B32562-J8474-+
180
1) Replace the + by the code letter for the required capacitance tolerance.
Replace the *** by the code number for the required packing: Ammo pack = 289, reel = 189
The ordering code for untaped components ends after the tolerance code letter.
B 32 562


Similar Part No. - B32562J1105J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32562J1225 EPCOS-B32562J1225 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32562J1335 EPCOS-B32562J1335 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32562J1105J

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com