Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGE1200-2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RGE1200-2
Description  Selection Guide and Product Data
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RGE1200-2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RGE1200-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers RGE1200-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers RGE1200-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers RGE1200-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers RGE1200-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers RGE1200-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers RGE1200-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers RGE1200-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers RGE1200-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
136 RGE Devices
Raychem Circuit Protection Devices
RGE
Radial Leaded
RGE tape and reel specifications (dimensions in millimeters)
Product availability: RGE300–RGE700 (consult factory for higher hold current parts).
Devices taped using EIA468-B/IEC286-2 standards. See table below and Figures 1 and 2 for details.
Dimension
EIA
IEC
Dimensions
description
mark
mark
Dim. (mm)
Tol. (mm)
Carrier tape width
W
W
18
–0.5/+1.0
Hold down tape width
W4
W0
11
min.
Top distance between tape edges
W6
W2
3
max.
Sprocket hole position
W5
W1
9
–0.5/+0.75
Sprocket hole diameter
D0
D0
4
±0.2
Abscissa to plane (straight lead)*
H
H
18.5
±3.0
Abscissa to top RGE300 - RGE600
H1
H1
32.2
max.
Abscissa to top RGE700*
H1
H1
36
max.
Overall width w/lead protrusion RGE300 - RGE600
C1
43.2
max.
Overall width w/lead protrusion RGE700
C1
C1
46
max.
Overall width w/o lead protrusion
C2
42.5
max.
Lead protrusion
L1
I1
1.0
max.
Protrusion of cut-out
L
L
11
max.
Protrusion beyond hold-down tape
l2
l2
Not specified
Sprocket hole pitch
P0
P0
12.7
±0.3
Device pitch
12.7
Pitch tolerance
20 consec.
±1
Tape thickness
t
t
0.9
max.
Tape thickness with splice*
t1
2.0
max.
Splice sprocket hole alignment
0
±0.3
Body lateral deviation
h
h
0
±1.0
Body tape plane deviation
p
p
0
±1.3
Ordinate to adjacent component lead*
P1
P1
3.81
±1.0
Lead spacing*
F
F
5.08
±0.8
Reel width RGE300–RGE500
w2
w
56
max.
Reel width RGE600–RGE700*
w2
w
63.5
max.
Reel diameter
a
d
370
max.
Space between flanges less device*
w1
4.75
±3.25
Arbor hole diameter
cf
26
±12.0
Core diameter*
n
h
91
max.
Box
56/372/372
max.
Consecutive missing places
None
Empty places per reel
0.1% max.
*Differs from EIA specification
4
RGE(7)
1/15/99 11:17 AM
Page 136


Similar Part No. - RGE1200-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGE1000 ETC1-RGE1000 Datasheet
117Kb / 1P
   Poly Switch PTC Devices
logo
Tyco Electronics
RGE1000 MACOM-RGE1000 Datasheet
117Kb / 1P
   PolySwitch짰PTC Devices Resettable Fuse
RGE1100 MACOM-RGE1100 Datasheet
34Kb / 1P
   PolySwitch짰PTC Devices Overcurrent Protection Device
More results

Similar Description - RGE1200-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
99334 MACOM-99334 Datasheet
396Kb / 12P
   miniSMD Selection Guide and Product Data
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Analog Devices
ADUM1100 AD-ADUM1100 Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
logo
Samsung semiconductor
K4G80325FB-HC28 SAMSUNG-K4G80325FB-HC28 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
3224J-1-202E BOURNS-3224J-1-202E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com