Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3L500RHUR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS3L500RHUR
Description  16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3L500RHUR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3L500RHUR Datasheet HTML 7Page - Texas Instruments TS3L500RHUR Datasheet HTML 8Page - Texas Instruments TS3L500RHUR Datasheet HTML 9Page - Texas Instruments TS3L500RHUR Datasheet HTML 10Page - Texas Instruments TS3L500RHUR Datasheet HTML 11Page - Texas Instruments TS3L500RHUR Datasheet HTML 12Page - Texas Instruments TS3L500RHUR Datasheet HTML 13Page - Texas Instruments TS3L500RHUR Datasheet HTML 14Page - Texas Instruments TS3L500RHUR Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TS3L500
16BIT TO 8BIT SPDT GIGABIT LAN SWITCH
WITH LED SWITCH
SCDS212B − SEPTEMBER 2005 − REVISED APRIL 2006
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Network Analyzer
(HP8753ES)
RL = 100 Ω
EXT TRIGGER
BIAS
P1
P2
DUT
A0
SEL
0B1
VSEL
VCC
VBIAS
A1
1B2
NOTES: A. CL includes probe and jig capacitance.
B. A 50-
Ω termination resistor is needed to match the loading of the network analyzer.
1B1
RL = 100 Ω
2B1
3B1
A2
A3
0B2
3B2
2B2
Figure 8. Test Circuit for Crosstalk (XTALK)
Crosstalk is measured at the output of the nonadjacent ON channel. For example, when VSEL = 0
and A0 is the input, the output is measured at 1B1. All unused analog input (A) ports are connected to GND, and output
(B) ports are connected to GND through 50-
Ω pulldown resistors.
HP8753ES setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM


Similar Part No. - TS3L500RHUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L500RHUR TI-TS3L500RHUR Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500RHURG4 TI-TS3L500RHURG4 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
More results

Similar Description - TS3L500RHUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3L500 TI-TS3L500_10 Datasheet
663Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
logo
Texas Instruments
TS3L301 TI-TS3L301 Datasheet
252Kb / 16P
[Old version datasheet]   16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
TS3L301 TI-TS3L301_07 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
logo
STMicroelectronics
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
   16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
November 2011 Rev 3
logo
Texas Instruments
TS3L501E TI-TS3L501E Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com