Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK6201EARGTTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLK6201EARGTTG4
Description  6.25-Gbps Cable and PC Board Equalizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK6201EARGTTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TLK6201EARGTTG4 Datasheet HTML 1Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 2Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 3Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 4Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 5Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 6Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 7Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 8Page - Texas Instruments TLK6201EARGTTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
DEVICE INFORMATION
1
2
3
4
GND
DIN+
DIN–
GND
12
11
10
9
16
VCC
DOUT+
DOUT–
VCC
15
14
13
5
6
7
8
P0019-04
EP
RGTPACKAGE
(TOP VIEW)
TLK6201EA
SLLS738 – AUGUST 2006
An on-chip band-gap voltage circuit generates a supply-voltage-independent reference from which all internally
required voltages and bias currents are derived.
The TLK6201EA is available in a small-footprint, 3-mm × 3-mm, 16-pin QFN package, with a lead pitch of
0.5 mm. The pinout is shown in Figure 2.
Figure 2. Pinout of TLK6201EA
TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
Offset cancellation filter capacitor terminal 2. Connect an additional filter capacitor between
COC0
16
Analog
this pin and COC1 (pin 15). To disable the offset cancellation loop, connect COC1 and
COC0 (pins 15 and 16).
Offset cancellation filter capacitor terminal 1. Connect an additional filter capacitor between
COC1
15
Analog
this pin and COC0 (pin 16). To disable the offset cancellation loop, connect COC1 and
COC0 (pins 15 and 16).
DE0
7
CMOS in
Selects 4 dB of output signal de-emphasis when set to high level. Internally pulled up.
DE1
6
CMOS in
Selects 8 dB of output signal de-emphasis when set to high level. Internally pulled up.
Noninverted data input. On-chip load terminated to ground. Connect a 100-
Ω differential
DIN+
2
Analog in
transmission line to terminals DIN+ and DIN–.
Inverted data input. On-chip load terminated to ground. Connect a 100-
Ω differential
DIN–
3
Analog in
transmission line to terminals DIN+ and DIN–.
DIS
13
CMOS in
Disables CML output stage when set to high level. Internally pulled down.
DOUT+
11
CML out
Noninverted data output. On-chip 50-
Ω back-terminated to VCC.
DOUT–
10
CML out
Inverted data output. On-chip 50-
Ω back-terminated to VCC.
GND
1, 4, EP
Supply
Circuit ground. Exposed die pad (EP) must be grounded.
LOS
14
CMOS out
High level indicates that the input signal amplitude is below the fixed threshold level.
Output data signal polarity select (internally pulled up): Setting to high level or leaving pin
POL
8
CMOS in
open selects normal polarity. Low level selects inverted polarity.
Output swing control. The output swing is increased by 50% when set to high level.
SWG
5
CMOS in
Internally pulled down.
VCC
9, 12
Supply
3.3-V,
±10% supply voltage
3
Submit Documentation Feedback


Similar Part No. - TLK6201EARGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK6201EARGTT TI-TLK6201EARGTT Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
More results

Similar Description - TLK6201EARGTTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4211EA TI1-TLK4211EA Datasheet
1Mb / 17P
[Old version datasheet]   4.25 Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E_10 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
EQ50F100 TI1-EQ50F100 Datasheet
5Mb / 18P
[Old version datasheet]   1Gbps - 6.25 Gbps Backplane Equalizer
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
TLK1102E TI-TLK1102E_10 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
logo
Microchip Technology
EQCO62R20.3 MICROCHIP-EQCO62R20.3 Datasheet
1Mb / 34P
   EQCO62R20.3 6.25 Gbps Asymmetric Coax Equalizer
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com