Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8112JSTZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8112JSTZ1
Description  Audio/Video, 60 MHz, 16 횞 8, Gain of 2 Crosspoint Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8112JSTZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8112JSTZ1 Datasheet HTML 2Page - Analog Devices AD8112JSTZ1 Datasheet HTML 3Page - Analog Devices AD8112JSTZ1 Datasheet HTML 4Page - Analog Devices AD8112JSTZ1 Datasheet HTML 5Page - Analog Devices AD8112JSTZ1 Datasheet HTML 6Page - Analog Devices AD8112JSTZ1 Datasheet HTML 7Page - Analog Devices AD8112JSTZ1 Datasheet HTML 8Page - Analog Devices AD8112JSTZ1 Datasheet HTML 9Page - Analog Devices AD8112JSTZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8112
Rev. 0 | Page 6 of 28
TIMING CHARACTERISTICS (PARALLEL)
Table 4.
Limit
Parameter
Symbol
Min
Max
Unit
Data Setup Time
t1
20
ns
CLK Pulse Width
t2
100
ns
Data Hold Time
t3
20
ns
CLK Pulse Separation
t4
100
ns
CLK to UPDATE Delay
t5
0
ns
UPDATE Pulse Width
t6
50
ns
Propagation Delay, UPDATE to Switch On or Off
50
ns
CLK, UPDATE Rise and Fall Times
100
ns
RESET Time
200
ns
t5
t6
t4
t2
t1
t3
1
0
1
0
1= LATCHED
CLK
D0 TO D4
A0 TO A2
0 = TRANSPARENT
UPDATE
Figure 3. Timing Diagram, Parallel Mode
Table 5. Logic Levels
Pins
VIH
VIL
VOH
VOL
IIH
IIL
IOH
IOL
RESET, SER/PAR,
CLK, D0, D1, D2,
D3, D4, A0, A1, A2,
CE, UPDATE
2.0 V min
0.8 V max
20 μA max
−400 μA min
DATA OUT
2.7 V min
0.5 V max
−400 μA max
3.0 mA min


Similar Part No. - AD8112JSTZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8112JSTZ AD-AD8112JSTZ Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
More results

Similar Description - AD8112JSTZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8112 AD-AD8112_15 Datasheet
1Mb / 28P
   Audio/Video, 60 MHz, 16 8, Gain of 2 Crosspoint Switch
REV. 0
AD8113JSTZ AD-AD8113JSTZ Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16  16, G = 2 Crosspoint Switch
REV. A
AD8113JST AD-AD8113JST Datasheet
1Mb / 28P
   Audio/Video 60 MHz 16 X 16, G = 2 Crosspoint Switch
REV. A
AD8177 AD-AD8177 Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
AD8178 AD-AD8178 Datasheet
829Kb / 40P
   450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
   475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
Analog Devices
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com