Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG736LBRM-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG736LBRM-REEL7
Description  CMOS Low Voltage 2.5 OHM Dual SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG736LBRM-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  ADG736LBRM-REEL7 Datasheet HTML 1Page - Analog Devices ADG736LBRM-REEL7 Datasheet HTML 2Page - Analog Devices ADG736LBRM-REEL7 Datasheet HTML 3Page - Analog Devices ADG736LBRM-REEL7 Datasheet HTML 4Page - Analog Devices ADG736LBRM-REEL7 Datasheet HTML 5Page - Analog Devices ADG736LBRM-REEL7 Datasheet HTML 6Page - Analog Devices ADG736LBRM-REEL7 Datasheet HTML 7Page - Analog Devices ADG736LBRM-REEL7 Datasheet HTML 8Page - Analog Devices ADG736LBRM-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADG736L
Rev. 0 | Page 4 of 12
VDD = 3 V ± 10%, GND = 0 V. All specifications −40°C to +85°C, unless otherwise noted.
Table 2.
B Version1
Parameter
25°C
−40°C to
+85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
5
5.5
Ω typ
VS = 0 V to VDD, IDS = −10 mA; see Figure 10
8
Ω max
On Resistance Match Between Channels (∆RON)
0.1
Ω typ
VS = 0 V to VDD, IDS = −10 mA
0.4
Ω max
On Resistance Flatness (RFLAT (ON))
2.5
Ω typ
VS = 0 V to VDD, IDS = −10 mA
LEAKAGE CURRENTS
VDD = 3.3 V
Source Off Leakage IS (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V; see Figure 11
±0.1
±0.3
nA max
Channel On Leakage ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V or 3 V; see Figure 12
±0.1
±0.3
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.4
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
DYNAMIC CHARACTERISTICS2
tON
14
ns typ
RL = 300 Ω, CL = 35 pF
20
ns max
VS = 2 V; see Figure 13
tOFF
6
ns typ
RL = 300 Ω, CL = 35 pF
10
ns max
VS = 2 V; see Figure 13
Break-Before-Make Time Delay, tD
7
ns typ
RL = 300 Ω, CL = 35 pF
1
ns min
VS1 = VS2 = 2 V; see Figure 14
Off Isolation
−62
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−82
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 15
Channel-to-Channel Crosstalk
−62
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−82
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 16
Bandwidth (−3 dB)
200
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 17
CS (OFF)
9
pF typ
CD, CS (ON)
32
pF typ
POWER REQUIREMENTS
VDD = 3.3 V
IDD
0.001
μA typ
Digital inputs = 0 V or 3 V
1.0
μA max
1 Temperature range is −40°C to +85°C for the B version.
2 Guaranteed by design
; not subject to production test.


Similar Part No. - ADG736LBRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
   CMOS Low Voltage
REV. 0
More results

Similar Description - ADG736LBRM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736BRMZ-REEL7 AD-ADG736BRMZ-REEL7 Datasheet
250Kb / 12P
   CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
ADG736BRMZ AD-ADG736BRMZ Datasheet
250Kb / 12P
   CMOS Low Voltage 2.5 廓 Dual SPDT Switch
Rev. D
ADG736 AD-ADG736 Datasheet
99Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPDT Switch
REV. 0
ADG719 AD-ADG719 Datasheet
117Kb / 8P
   CMOS Low Voltage 4 ohm SPDT Switch
REV. A
ADG733 AD-ADG733 Datasheet
177Kb / 11P
   CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV. 0
logo
Alpha & Omega Semicondu...
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
   0.25-OHM Low-Voltage Dual SPDT Analog Switch
Rev. D, 24-Jan-05
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
   0.5(OHM) Low-Voltage Dual SPDT Analog Switch
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
   0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Alpha & Omega Semicondu...
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com