Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP20K400E Datasheet(PDF) 72 Page - Altera Corporation

Part # EP20K400E
Description  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K400E Datasheet(HTML) 72 Page - Altera Corporation

Back Button EP20K400E Datasheet HTML 68Page - Altera Corporation EP20K400E Datasheet HTML 69Page - Altera Corporation EP20K400E Datasheet HTML 70Page - Altera Corporation EP20K400E Datasheet HTML 71Page - Altera Corporation EP20K400E Datasheet HTML 72Page - Altera Corporation EP20K400E Datasheet HTML 73Page - Altera Corporation EP20K400E Datasheet HTML 74Page - Altera Corporation EP20K400E Datasheet HTML 75Page - Altera Corporation EP20K400E Datasheet HTML 76Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 117 page
background image
72
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Figure 40. Synchronous Bidirectional Pin External Timing
Notes to Figure 40:
(1)
The output enable and input registers are LE registers in the LAB adjacent to a
bidirectional row pin. The output enable register is set with “Output Enable
Routing= Signal-Pin” option in the Quartus II software.
(2)
The LAB adjacent input register is set with “Decrease Input Delay to Internal Cells=
Off”. This maintains a zero hold time for lab adjacent registers while giving a fast,
position independent setup time. A faster setup time with zero hold time is possible
by setting “Decrease Input Delay to Internal Cells= ON” and moving the input
register farther away from the bidirectional pin. The exact position where zero hold
occurs with the minimum setup time, varies with device density and speed grade.
Table 31 describes the fMAX timing parameters shown in Figure 36 on
page 68.
PRN
CLRN
DQ
PRN
CLRN
DQ
(1)
IOE Register
Bidirectional Pin
Dedicated
Clock
PRN
CLRN
DQ
(1)
XZBIDIR
t
ZXBIDIR
t
OUTCOBIDIR
t
INSUBIDIR
t
INHBIDIR
t
OE Register
Output IOE Register
Input Register
(2)
Table 31. APEX 20K fMAX Timing Parameters
(Part 1 of 2)
Symbol
Parameter
tSU
LE register setup time before clock
tH
LE register hold time after clock
tCO
LE register clock-to-output delay
tLUT
LUT delay for data-in
tESBRC
ESB Asynchronous read cycle time
tESBWC
ESB Asynchronous write cycle time
tESBWESU
ESB WE setup time before clock when using input register
tESBDATASU
ESB data setup time before clock when using input register
tESBDATAH
ESB data hold time after clock when using input register
tESBADDRSU
ESB address setup time before clock when using input registers
tESBDATACO1
ESB clock-to-output delay when using output registers


Similar Part No. - EP20K400E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400E ALTERA-EP20K400E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K400E ALTERA-EP20K400E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K400E ALTERA-EP20K400E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K400E ALTERA-EP20K400E Datasheet
724Kb / 117P
   Programmable Logic Device Family
EP20K400E ALTERA-EP20K400E Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

Similar Description - EP20K400E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com