Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP20K400E Datasheet(PDF) 74 Page - Altera Corporation

Part # EP20K400E
Description  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K400E Datasheet(HTML) 74 Page - Altera Corporation

Back Button EP20K400E Datasheet HTML 70Page - Altera Corporation EP20K400E Datasheet HTML 71Page - Altera Corporation EP20K400E Datasheet HTML 72Page - Altera Corporation EP20K400E Datasheet HTML 73Page - Altera Corporation EP20K400E Datasheet HTML 74Page - Altera Corporation EP20K400E Datasheet HTML 75Page - Altera Corporation EP20K400E Datasheet HTML 76Page - Altera Corporation EP20K400E Datasheet HTML 77Page - Altera Corporation EP20K400E Datasheet HTML 78Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 117 page
background image
74
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Note to Tables 32 and 33:
(1)
These timing parameters are sample-tested only.
Tables 34 through 37 show APEX 20KE LE, ESB, routing, and functional
timing microparameters for the fMAX timing model.
Table 34. APEX 20KE LE Timing Microparameters
Symbol
Parameter
tSU
LE register setup time before clock
tH
LE register hold time after clock
tCO
LE register clock-to-output delay
tLUT
LUT delay for data-in to data-out
Table 35. APEX 20KE ESB Timing Microparameters
Symbol
Parameter
tESBARC
ESB Asynchronous read cycle time
tESBSRC
ESB Synchronous read cycle time
tESBAWC
ESB Asynchronous write cycle time
tESBSWC
ESB Synchronous write cycle time
tESBWASU
ESB write address setup time with respect to WE
tESBWAH
ESB write address hold time with respect to WE
tESBWDSU
ESB data setup time with respect to WE
tESBWDH
ESB data hold time with respect to WE
tESBRASU
ESB read address setup time with respect to RE
tESBRAH
ESB read address hold time with respect to RE
tESBWESU
ESB WE setup time before clock when using input register
tESBWEH
ESB WE hold time after clock when using input register
tESBDATASU
ESB data setup time before clock when using input register
tESBDATAH
ESB data hold time after clock when using input register
tESBWADDRSU
ESB write address setup time before clock when using input
registers
tESBRADDRSU
ESB read address setup time before clock when using input
registers
tESBDATACO1
ESB clock-to-output delay when using output registers
tESBDATACO2
ESB clock-to-output delay without output registers
tESBDD
ESB data-in to data-out delay for RAM mode
tPD
ESB Macrocell input to non-registered output
tPTERMSU
ESB Macrocell register setup time before clock
tPTERMCO
ESB Macrocell register clock-to-output delay


Similar Part No. - EP20K400E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400E ALTERA-EP20K400E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K400E ALTERA-EP20K400E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K400E ALTERA-EP20K400E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K400E ALTERA-EP20K400E Datasheet
724Kb / 117P
   Programmable Logic Device Family
EP20K400E ALTERA-EP20K400E Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

Similar Description - EP20K400E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com