Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP20K400E Datasheet(PDF) 18 Page - Altera Corporation

Part # EP20K400E
Description  Programmable Logic Device Family
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP20K400E Datasheet(HTML) 18 Page - Altera Corporation

Back Button EP20K400E Datasheet HTML 14Page - Altera Corporation EP20K400E Datasheet HTML 15Page - Altera Corporation EP20K400E Datasheet HTML 16Page - Altera Corporation EP20K400E Datasheet HTML 17Page - Altera Corporation EP20K400E Datasheet HTML 18Page - Altera Corporation EP20K400E Datasheet HTML 19Page - Altera Corporation EP20K400E Datasheet HTML 20Page - Altera Corporation EP20K400E Datasheet HTML 21Page - Altera Corporation EP20K400E Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 117 page
background image
18
Altera Corporation
APEX 20K Programmable Logic Device Family Data Sheet
Figure 8. APEX 20K LE Operating Modes
Notes to Figure 8:
(1)
LEs in normal mode support register packing.
(2)
There are two LAB-wide clock enables per LAB.
(3)
When using the carry-in in normal mode, the packed register feature is unavailable.
(4)
A register feedback multiplexer is available on LE1 of each LAB.
(5)
The DATA1 and DATA2 input signals can supply counter enable, up or down control, or register feedback signals for
LEs other than the second LE in an LAB.
(6)
The LAB-wide synchronous clear and LAB wide synchronous load affect all registers in an LAB.
PRN
CLRN
DQ
4-Input
LUT
Carry-In
(3)
Cascade-Out
Cascade-In
LE-Out
Normal Mode (1)
PRN
CLRN
DQ
Cascade-Out
Cascade-In
3-Input
LUT
Carry-In
3-Input
LUT
Carry-Out
Arithmetic Mode
Counter Mode
data1
(5)
data2
(5)
PRN
CLRN
DQ
Carry-In
LUT
3-Input
3-Input
LUT
Carry-Out
data3 (data)
Cascade-Out
Cascade-In
LAB-Wide
Synchronous
Load
(6)
LAB-Wide
Synchronous
Clear
(6)
(4)
LE-Out
LE-Out
LE-Out
LE-Out
LE-Out
ENA
LAB-Wide
Clock Enable
(2)
ENA
LAB-Wide
Clock Enable
(2)
ENA
LAB-Wide
Clock Enable
(2)
data1
data2
data1
data2
data3
data4


Similar Part No. - EP20K400E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400E ALTERA-EP20K400E Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP20K400E ALTERA-EP20K400E Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP20K400E ALTERA-EP20K400E Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
EP20K400E ALTERA-EP20K400E Datasheet
724Kb / 117P
   Programmable Logic Device Family
EP20K400E ALTERA-EP20K400E Datasheet
724Kb / 117P
   Programmable Logic Device Family
More results

Similar Description - EP20K400E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com