Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3370EXK-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3370EXK-T
Description  1uA, 2Mbps, Low-Voltage Level Translators in SC70
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3370EXK-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3370EXK-T Datasheet HTML 1Page - Maxim Integrated Products MAX3370EXK-T Datasheet HTML 2Page - Maxim Integrated Products MAX3370EXK-T Datasheet HTML 3Page - Maxim Integrated Products MAX3370EXK-T Datasheet HTML 4Page - Maxim Integrated Products MAX3370EXK-T Datasheet HTML 5Page - Maxim Integrated Products MAX3370EXK-T Datasheet HTML 6Page - Maxim Integrated Products MAX3370EXK-T Datasheet HTML 7Page - Maxim Integrated Products MAX3370EXK-T Datasheet HTML 8Page - Maxim Integrated Products MAX3370EXK-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1µA, 2Mbps, Low-Voltage Level
Translators in SC70
_______________________________________________________________________________________
5
+2.5V
+1.6V
GND
I/O VL
I/O VL
I/O VCC
I/O VCC
VL
VCC
tPD-VCC-LH
tPD-VCC-HL
MAX3370
MAX3371
tRVCC
tFVCC
DATA
CLOAD
RLOAD
tRISE, tFALL ≤10ns
+2.5V
+1.6V
GND
I/O VL
I/O VCC
I/O VL
I/O VCC
VL
VCC
tPD-VL-LH
tPD-VL-HL
MAX3370
MAX3371
tRVL
tFVL
DATA
RLOAD
CLOAD
tRISE, tFALL ≤10ns
+2.5V
+1.6V
GND
I/O VL
I/O VL
I/O VCC
I/O VCC
VL
VCC
tPD-VCC-LH
tPD-VCC-HL
MAX3370
MAX3371
tRVCC
tFVCC
DATA
CLOAD
RLOAD
tRISE, tFALL ≤10ns
+2.5V
+1.6V
GND
I/O VL
I/O VCC
I/O VL
I/O VCC
VL
VCC
tPD-VL-LH
tPD-VL-HL
MAX3370
MAX3371
tRVL
tFVL
DATA
RLOAD
CLOAD
tRISE, tFALL ≤10ns
Figure 1a. Rail-to-Rail Driving I/O VL
Figure 1b. Rail-to-Rail Driving I/O VCC
Figure 1c. Open-Drain Driving I/O VL
Figure 1d. Open-Drain Driving I/O VCC


Similar Part No. - MAX3370EXK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3370EXK+T MAXIM-MAX3370EXK+T Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
More results

Similar Description - MAX3370EXK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
   1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX13000E MAXIM-MAX13000E Datasheet
291Kb / 25P
   Ultra-Low-Voltage Level Translators Enable/Shutdown Control
Rev 1; 5/11
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX1740 MAXIM-MAX1740 Datasheet
327Kb / 12P
   SIM/Smart Card Level Translators in uMAX
Rev 0; 1/00
logo
NXP Semiconductors
AN10145 PHILIPS-AN10145 Datasheet
325Kb / 24P
   Bi-directional low voltage translators
2004 Aug 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com