Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145202DT Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC145202DT
Description  Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145202DT Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC145202DT Datasheet HTML 2Page - Motorola, Inc MC145202DT Datasheet HTML 3Page - Motorola, Inc MC145202DT Datasheet HTML 4Page - Motorola, Inc MC145202DT Datasheet HTML 5Page - Motorola, Inc MC145202DT Datasheet HTML 6Page - Motorola, Inc MC145202DT Datasheet HTML 7Page - Motorola, Inc MC145202DT Datasheet HTML 8Page - Motorola, Inc MC145202DT Datasheet HTML 9Page - Motorola, Inc MC145202DT Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MC145202
MOTOROLA
6
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
10%
VDD
GND
1/fclk
OUTPUT A
(DATA OUT)
CLK
90%
50%
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
tw
tw
tf
tr
ENB
OUTPUT A
OUTPUT B
10%
VDD
GND
50%
50%
tPLZ
tPLH
tPHL
50%
tPZL
Figure 3.
Figure 4.
Din
CLK
50%
VALID
50%
tsu
th
VDD
GND
VDD
GND
CLK
ENB
50%
tsu
th
FIRST
CLK
LAST
CLK
trec
50%
VDD
GND
VDD
GND
tw
tw
Figure 5.
Figure 6.
TEST POINT
DEVICE
UNDER
TEST
CL*
* Includes all probe and fixture capacitance.
TEST POINT
DEVICE
UNDER
TEST
CL*
* Includes all probe and fixture capacitance.
+VPD
7.5 k


Similar Part No. - MC145202DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145202EVK MOTOROLA-MC145202EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
More results

Similar Description - MC145202DT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15E05SL FUJITSU-MB15E05SL Datasheet
229Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.0 GHz Prescaler
MB15E05SR FUJITSU-MB15E05SR Datasheet
211Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.0 GHz Prescaler
MB15E05L FUJITSU-MB15E05L Datasheet
259Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15U10 FUJITSU-MB15U10 Datasheet
350Kb / 19P
   Dual Serial Input PLL Frequency Synthesizer On-Chip 1.1 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E03 FUJITSU-MB15E03 Datasheet
174Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15U36 FUJITSU-MB15U36 Datasheet
270Kb / 23P
   Dual PLL Frequency Synthesizer with On-Chip Prescaler
MB15E03SL FUJITSU-MB15E03SL Datasheet
229Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 1.2 GHz Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com