Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90497G Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90497G
Description  16-bit Proprietary Microcontroller CMOS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90497G Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90497G Datasheet HTML 6Page - Fujitsu Component Limited. MB90497G Datasheet HTML 7Page - Fujitsu Component Limited. MB90497G Datasheet HTML 8Page - Fujitsu Component Limited. MB90497G Datasheet HTML 9Page - Fujitsu Component Limited. MB90497G Datasheet HTML 10Page - Fujitsu Component Limited. MB90497G Datasheet HTML 11Page - Fujitsu Component Limited. MB90497G Datasheet HTML 12Page - Fujitsu Component Limited. MB90497G Datasheet HTML 13Page - Fujitsu Component Limited. MB90497G Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
MB90495G Series
10
(Continued)
(Continued)
Pin No.
Pin Name
Circuit
Type
Description
M06
M09
46 to
49
45 to
48
P24 to P27
D
General-purpose I/O port.
When the bits of high address control register (HACR) are set to “1” in ex-
ternal bus mode, these pins function as general purpose I/O ports.
INT4 to INT7
Functions as external interrupt input pin. Set this to input port.
A20 to A23
Output pin for external address bus (A20 to A23) .
Only valid when the bits of high address control register (HACR) are set
to “0” in external bus mode.
50
49
VSS
Power supply (0 V) input pin.
51
50
P30
D
General-purpose I/O port.
Only enabled in single-chip mode.
SOT0
UART0 serial data output pin.
Only valid if UART0 serial data output configuration is enabled.
ALE
Address latch authorization output pin.
Only enabled during external bus mode.
52
51
P31
D
General-purpose I/O port.
Only enabled in single-chip mode.
SCK0
UART0 serial clock I/O pin.
Only valid if UART0 serial clock I/O configuration is enabled.
RD
Lead strobe output pin.
Only enabled during external bus mode.
53
52
P32
D
General-purpose I/O port.
SIN0
UART0 serial data input pin.
Set this to input port.
WRL
Write strobe output pin for lower 8-bit of data bus.
Only valid if WRL pin output is enabled, in external bus mode.
54
53
P33
D
General-purpose I/O port.
WRH
Write strobe output pin for upper 8-bit of data bus.
Only valid if external bus mode/16-bit bus mode/WRH pin output enabled.
55
54
P34
D
General-purpose I/O port.
HRQ
Hold request input pin.
Only valid if hold input is enabled, in external bus mode.
56
55
P35
D
General-purpose I/O port.
HAK
Hold addressing output pin.
Only valid if hold input is enabled, in external bus mode.
57
56
VCC
Power supply (5 V) input pin.
58
57
C
Capacity pin for power stabilization.
Please connect to an approximately 0.1
µF ceramic capacitor.


Similar Part No. - MB90497G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90497G FUJITSU-MB90497G Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
MB90497G FUJITSU-MB90497G Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
MB90497GPF FUJITSU-MB90497GPF Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
MB90497GPF FUJITSU-MB90497GPF Datasheet
565Kb / 96P
   16-bit Proprietary Microcontroller
MB90497GPFM FUJITSU-MB90497GPFM Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90497G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com