Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9495F Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC9495F
Description  Digital Servo Single Chip Processor Built in 1 Bit DA Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9495F Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC9495F Datasheet HTML 2Page - Toshiba Semiconductor TC9495F Datasheet HTML 3Page - Toshiba Semiconductor TC9495F Datasheet HTML 4Page - Toshiba Semiconductor TC9495F Datasheet HTML 5Page - Toshiba Semiconductor TC9495F Datasheet HTML 6Page - Toshiba Semiconductor TC9495F Datasheet HTML 7Page - Toshiba Semiconductor TC9495F Datasheet HTML 8Page - Toshiba Semiconductor TC9495F Datasheet HTML 9Page - Toshiba Semiconductor TC9495F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TC9495F
2002-01-11
6
Pin No.
Symbol
I/O
Functional Description
Remarks
88
TEST2
I
Test mode terminal. Normal, keep at open.
With pull-up resistor.
89
TEST3
I
Test mode terminal. Normal, keep at open.
With pull-up resistor.
90
BUS0
I/O
91
BUS1
I/O
92
BUS2
I/O
93
BUS3
I/O
Micon interface data input/output terminal.
Schmit input.
CMOS port.
94
VDD
¾
Digital power supply voltage terminal.
¾
95
VSS
Digital GND terminal.
¾
96
BUCK
I
Micon interface clock input terminal.
Schmit input.
97
CCE
I
Command and data sending/receiving chip enable signal
input terminal.
The bus line becomes active at “L” level.
Schmit input.
98
TEST4
I
Test mode terminal. Normal, keep at open.
With pull-up resistor.
99
TSMOD
I
Local test mode selection terminal.
With pull-up resistor.
100
RST
I
Reset signal input terminal. Reset at “L” level.
With pull-up resistor.
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VDD
-0.3~6.0
V
Input voltage
VIN
-0.3~VDD + 0.3
V
Power dissipation
PD
1420
mW
Operating temperature
Topr
-40~85
°C
Storage temperature
Tstg
-55~150
°C


Similar Part No. - TC9495F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
TC9490FA TOSHIBA-TC9490FA Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACOA TELCOM-TC9491ACOA Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACZM TELCOM-TC9491ACZM Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

Similar Description - TC9495F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9432F TOSHIBA-TC9432F Datasheet
462Kb / 8P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9432AF TOSHIBA-TC9432AF Datasheet
722Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9296AF TOSHIBA-TC9296AF Datasheet
684Kb / 14P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9462F TOSHIBA-TC9462F Datasheet
730Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1BIT DA CONVERTER
TC9248BF TOSHIBA-TC9248BF Datasheet
622Kb / 15P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9284BF TOSHIBA-TC9284BF Datasheet
651Kb / 16P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com