Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9495F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC9495F
Description  Digital Servo Single Chip Processor Built in 1 Bit DA Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9495F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC9495F Datasheet HTML 3Page - Toshiba Semiconductor TC9495F Datasheet HTML 4Page - Toshiba Semiconductor TC9495F Datasheet HTML 5Page - Toshiba Semiconductor TC9495F Datasheet HTML 6Page - Toshiba Semiconductor TC9495F Datasheet HTML 7Page - Toshiba Semiconductor TC9495F Datasheet HTML 8Page - Toshiba Semiconductor TC9495F Datasheet HTML 9Page - Toshiba Semiconductor TC9495F Datasheet HTML 10Page - Toshiba Semiconductor TC9495F Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TC9495F
2002-01-11
7
Electrical Characteristics
(unless otherwise specified, VDD
==== AVDD ==== DVDD ==== XVDD ==== 5 V, 2VREF ==== P2VREF ==== 4.2 V,
VREF
==== PVREF ==== 2.1 V, Ta ==== 25°C)
DC Characteristics
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Assured supply voltage
VDD
¾
Ta
= -40~85°C
4.5
5.0
5.5
V
Normal
speed
45
50
60
Assured supply current
IDD
¾
4 times
speed
XI
=
16.9344 MHz
50
55
65
mA
“H” Level
VIH (1)
¾
3.5
¾
¾
“L” Level
VIL (1)
¾
CMOS Input Terminal
(except analog input)
¾
¾
1.5
“H” Level
VIH (2)
¾
4.0
¾
¾
Input voltage
“L” Level
VIL (2)
¾
Schmit input terminal
¾
¾
1.0
V
“H” Level
IIH
¾
VIH = 5 V
¾
¾
1.0
Input current
“L” Level
IIL
¾
VIL = 0 V
CMOS Input
Terminal
(except analog
input)
-1.0
¾
¾
mA
“H” Level
ITLH
¾
VIH = 5 V
¾
¾
0.1
Tri-state leak current
“L” Level
ITLL
¾
VIL = 0 V
following (1)
-0.1
¾
¾
mA
“H” Level
IOH (1)
¾
VOH = 4.6 V
¾
¾
-1.0
“L” Level
IOL (1)
¾
VOL = 0.4 V
following (1)
(except TMAXS,
TMAX)
2.0
¾
¾
“H” Level
IOH (2)
¾
VOH = 4.6 V
¾
¾
-1.0
“L” Level
IOL (2)
¾
VOH = 0.4 V
following (2)
2.0
¾
¾
“H” Level
IOH (3)
¾
VOH = 4.6 V
-1.4
¾
-0.6
“L” Level
IOL (3)
¾
VOL = 0.4 V
following (3)
0.6
¾
1.4
“H” Level
IOH (4)
¾
VOH = 3.8 V
¾
¾
-1.0
“L” Level
IOL (4)
¾
VOL = 0.4 V
following (4)
2.0
¾
¾
“H” Level
IOH (5)
¾
VOH = 3.8 V
¾
¾
-2.0
Output current
“L” Level
IOL (5)
¾
VOL = 0.4 V
following (6)
4.0
¾
¾
mA
VREF output ON resistor
RON
¾
following (4)
(except TMAXS, TMAX)
¾
¾
500
W
Pull-up resistor
RUP
¾
following (5)
25.0
50.0
75.0
k
W
Terminal Name
(1) Terminal
HSO
, UHSO , EMPH, DOUT, MBOV, IPF, SBOK, CLCK, TESIO1
DATA, SFSY, SBSY, SPCK, MONIT, TESIO0, TMAXS, TMAX, SEL
FLGA, FLGB, FLGC, FLGD, IO0, IO1, IO2, IO3
(2) Terminal
LRCK, SPDA, COFS, ZDET
(3) Terminal
BUS0~3
(4) Terminal
PDO, TMAXS, TMAX, RFGC, TEBC, FMO, FVO, DMO
(5) Terminal
DMOUT
, CKSE , DACT , TSMOD, RST , TEST0~4
(6) Terminal
BCK, AOUT


Similar Part No. - TC9495F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9490F TOSHIBA-TC9490F Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
TC9490FA TOSHIBA-TC9490FA Datasheet
177Kb / 15P
   Digital Servo Single-Chip Processor for Use in CD Player
logo
TelCom Semiconductor, I...
TC9491A TELCOM-TC9491A Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACOA TELCOM-TC9491ACOA Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
TC9491ACZM TELCOM-TC9491ACZM Datasheet
45Kb / 3P
   LOW POWER, BANDGAP VOLTAGE REFERENCES
More results

Similar Description - TC9495F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9432F TOSHIBA-TC9432F Datasheet
462Kb / 8P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9432AF TOSHIBA-TC9432AF Datasheet
722Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9296AF TOSHIBA-TC9296AF Datasheet
684Kb / 14P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1 BIT DA CONVERTER
TC9462F TOSHIBA-TC9462F Datasheet
730Kb / 17P
   DIGITAL SERVO SINGLE CHIP PROCESSOR BUILT IN 1BIT DA CONVERTER
TC9248BF TOSHIBA-TC9248BF Datasheet
622Kb / 15P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9284BF TOSHIBA-TC9284BF Datasheet
651Kb / 16P
   CD SINGLE CHIP PROCESSOR WITH BUILT-IN 1BIT DA CONVERTER
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com