Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F352ESPMC Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90F352ESPMC
Description  16-bit Proprietary Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F352ESPMC Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90F352ESPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 9Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 10Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 11Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 12Page - Fujitsu Component Limited. MB90F352ESPMC Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
MB90350E Series
9
■ PRODUCT LINEUP 2 (With Clock supervisor function)
• Flash memory products
(Continued)
Part Number
Parameter
MB90F356E,
MB90F357E
MB90F356TE,
MB90F357TE
MB90F356ES,
MB90F357ES
MB90F356TES,
MB90F357TES
Type
Flash memory products
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (
×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (oscillation clock 4 MHz, PLL
× 6)
ROM
Dual operation flash memory
64 Kbytes : MB90F356E(S), MB90F356TE(S)
128 Kbytes : MB90F357E(S), MB90F357TE(S)
RAM
4 Kbytes
Emulator-specific
power supply*1
Sub clock pin
(X0A, X1A)
Yes
No
(internal CR oscillation can be used as
sub clock)
Clock supervisor
Yes
Low voltage/CPU
operation detection
reset
No
Yes
No
Yes
Operating
voltage range
3.5 V to 5.5 V : at normal operating (not using A/D converter)
3.5 V to 5.5 V : at using A/D converter/Flash programming
3.5 V to 5.5 V : at using external bus
Operating
temperature range
−40 °C to +125 °C
Package
LQFP-64
UART
2 channels
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C (400 kbps)
1 channel
A/D Converter
15 channels
10-bit or 8-bit resolution
Conversion time : Min 3
µs includes sample time (per one channel)
16-bit Reload Timer
(4 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
= Machine clock frequency)
Supports External Event Count function.
16-bit I/O Timer
(2 channels)
I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1.
I/O Timer 1 (clock input FRCK1) corresponds to ICU 4/5/6/7, OCU 4/5/6/7.
Signals an interrupt when overflowing.
Supports Timer Clear when a match with Output Compare (Channel 0, 4) .
Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
= Machine clock frequency)
16-bit Output
Compare
4 channels
Signals an interrupt when 16-bit I/O Timer matches with output compare registers.
A pair of compare registers can be used to generate an output signal.


Similar Part No. - MB90F352ESPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F352ESPMC FUJITSU-MB90F352ESPMC Datasheet
2Mb / 92P
   16-bit Microcontrollers
logo
Cypress Semiconductor
MB90F352ESPMC CYPRESS-MB90F352ESPMC Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
MB90F352ESPMC1 CYPRESS-MB90F352ESPMC1 Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
More results

Similar Description - MB90F352ESPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90560 FUJITSU-MB90560_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90561 FUJITSU-MB90561 Datasheet
874Kb / 91P
   16-bit Proprietary Microcontrollers
MB90565 FUJITSU-MB90565_08 Datasheet
2Mb / 92P
   16-bit Proprietary Microcontrollers
MB90385 FUJITSU-MB90385_08 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com