Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFBS4650-TR3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TFBS4650-TR3
Description  Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFBS4650-TR3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TFBS4650-TR3 Datasheet HTML 4Page - Vishay Siliconix TFBS4650-TR3 Datasheet HTML 5Page - Vishay Siliconix TFBS4650-TR3 Datasheet HTML 6Page - Vishay Siliconix TFBS4650-TR3 Datasheet HTML 7Page - Vishay Siliconix TFBS4650-TR3 Datasheet HTML 8Page - Vishay Siliconix TFBS4650-TR3 Datasheet HTML 9Page - Vishay Siliconix TFBS4650-TR3 Datasheet HTML 10Page - Vishay Siliconix TFBS4650-TR3 Datasheet HTML 11Page - Vishay Siliconix TFBS4650-TR3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TFBS4650
Document Number 84672
Rev. 1.1, 03-Jul-06
Vishay Semiconductors
www.vishay.com
127
Recommended Solder Profiles
Solder Profile for Sn/Pb soldering
Lead (Pb)-Free, Recommended Solder Profile
The TFBS4650 is a lead (Pb)-free transceiver and
qualified for lead (Pb)-free processing. For lead
(Pb)-free solder paste like Sn(3.0-4.0)Ag(0.5-0.9)Cu,
there are two standard reflow profiles: Ramp-Soak-
Spike (RSS) and Ramp-To-Spike (RTS). The Ramp-
Soak-Spike profile was developed primarily for reflow
ovens heated by infrared radiation. With widespread
use of forced convection reflow ovens the Ramp-To-
Spike profile is used increasingly. Shown below in fig-
ure 3 is VISHAY's recommended profiles for use with
the TFBS4650 transceivers. For more details please
refer to Application note: SMD Assembly Instruction.
Wave Soldering
For TFDUxxxx and TFBSxxxx transceiver devices
wave soldering is not recommended.
Manual Soldering
Manual soldering is the standard method for lab use.
However, for a production process it cannot be rec-
ommended because the risk of damage is highly
dependent on the experience of the operator. Never-
theless, we added a chapter to the above mentioned
application note, describing manual soldering and
desoldering.
Storage
The storage and drying processes for all VISHAY
transceivers (TFDUxxxx and TFBSxxx) are equiva-
lent to MSL4.
The data for the drying procedure is given on labels
on the packing and also in the application note
"Taping, Labeling, Storage and Packing"
(http://www.vishay.com/docs/82601/82601.pdf).
Figure 2. Recommended Solder Profile for Sn/Pb soldering
0
20
40
60
80
100
120
140
160
180
200
220
240
260
0
50
100
150
200
250
300
350
Time/s
2...4 °C/s
2...4 °C/s
10 s max. at 230 °C
120 s...180 s
160 °C max.
240 °C max.
90 s max.
19431
Figure 3. Solder Profile, RSS Recommendation
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
0
50
100
150
200
250
300
350
Time/s
20 s
2 °C...4 °C/s
2 °C...4 °C/s
90 s...120 s
T
≥ 217 °C for 50 s max
Tpeak = 260 °C max.
50 s max.
T
≥ 255 °C for 20 s max
19261


Similar Part No. - TFBS4650-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4650-TR3 VISHAY-TFBS4650-TR3 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4650-TR3 VISHAY-TFBS4650-TR3 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4650-TR3 VISHAY-TFBS4650-TR3 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
More results

Similar Description - TFBS4650-TR3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFBS4652 VISHAY-TFBS4652 Datasheet
220Kb / 13P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.1, 03-Jul-06
TFBS4652 VISHAY-TFBS4652_V02 Datasheet
348Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4650 VISHAY-TFBS4650_09 Datasheet
258Kb / 13P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.5,16-Sep-09
TFBS4650 VISHAY-TFBS4650_08 Datasheet
262Kb / 14P
   Infrared Transceiver 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.2, 28-May-08
TFBS4652 VISHAY-TFBS4652_09 Datasheet
226Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.3, 17-Sep-09
TFBS4650 VISHAY-TFBS4650_V02 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2023
TFBS4652 VISHAY-TFBS4652_V01 Datasheet
347Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)s
01-Jan-2022
TFBS4650 VISHAY-TFBS4650_V01 Datasheet
341Kb / 14P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
01-Jan-2022
TFBS4652 VISHAY-TFBS4652_14 Datasheet
190Kb / 11P
   Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
Rev. 1.4, 28-Jan-14
TFDU4300 VISHAY-TFDU4300 Datasheet
396Kb / 15P
   Infrared Transceiver Module (SIR, 115.2 kbit/s)
Rev. 1.4, 26-Jan-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com