Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFDU4202-TR1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TFDU4202-TR1
Description  Integrated Low Profile Transceiver Module for Telecom Applications - IrDA Standard
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFDU4202-TR1 Datasheet(HTML) 5 Page - Vishay Siliconix

  TFDU4202-TR1 Datasheet HTML 1Page - Vishay Siliconix TFDU4202-TR1 Datasheet HTML 2Page - Vishay Siliconix TFDU4202-TR1 Datasheet HTML 3Page - Vishay Siliconix TFDU4202-TR1 Datasheet HTML 4Page - Vishay Siliconix TFDU4202-TR1 Datasheet HTML 5Page - Vishay Siliconix TFDU4202-TR1 Datasheet HTML 6Page - Vishay Siliconix TFDU4202-TR1 Datasheet HTML 7Page - Vishay Siliconix TFDU4202-TR1 Datasheet HTML 8Page - Vishay Siliconix TFDU4202-TR1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TFDU4202
Document Number 82541
Rev. 1.8, 05-Dec-05
Vishay Semiconductors
www.vishay.com
5
Transmitter
Truth table
Parameter
Test Conditions
Symbol
Min
Typ.
Max
Unit
Logic low transmitter input
voltage
VIL(TXD)
- 0.5
0.15 x VCC
V
Logic high transmitter input
voltage
VIH(TXD)
0.8 x VCC
6V
Output radiant intensity
IF1 = 320 mA, | α | ≤ ± 15 °,
current controlled by external
resistor, voltage range
2.7 V to 5.5 V
Ie
45
mW/sr
Peak emission wavelength
λ
p
850
900
nm
Spectral emission bandwidth
60
nm
Optical rise/fall time
115.2 kHz square wave signal
(duty cycle 1 : 1)
200
ns
Optical output pulse duration
input pulse duration 1.6 µs
1.5
1.6
1.7
µs
input pulse duration > 25 µs,
safety protection
25
µs
Output radiant intensity
logic low level
0.04
µW/sr
Overshoot, optical
25
%
Rising edge peak to peak jitter
over a period of 10 bits,
independent of information
content
tj
0.2
µs
Inputs
Outputs
VCC
TXD
Optical input Irradiance mW/m2
RXD
Transmitter
low
x
x
low
0
high
high
x
high
Ie
high
≥ 25 µs
x
high
0
low
< 4
high
0
low
> Min. detection threshold irradiance
< Max. detection threshold irradiance
x0
low
> Max. detection threshold irradiance
undefined
0


Similar Part No. - TFDU4202-TR1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4202 VISHAY-TFDU4202 Datasheet
122Kb / 12P
   Integrated Low Profile Transceiver Module for Telecom Applications – IrDA Standard
Rev. A1.1, 13-Feb-03
More results

Similar Description - TFDU4202-TR1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFDU4203 VISHAY-TFDU4203 Datasheet
122Kb / 12P
   Integrated Low Profile Transceiver Module for Telecom Applications – IrDA Standard
Rev. A1.1, 13-Feb-03
TFDU5107 VISHAY-TFDU5107 Datasheet
233Kb / 13P
   Integrated Low Profile Transceiver Module for Telecom Applications
Rev. A1.4, 01-Nov-02
logo
TEMIC Semiconductors
TFDS3000 TEMIC-TFDS3000 Datasheet
221Kb / 10P
   Integrated Infrared Transceiver Module IrDA (SIR)
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
   Optical Transceiver Module for IrDA
logo
Sharp Corporation
GP2W0004YP SHARP-GP2W0004YP Datasheet
49Kb / 7P
   IrDA Transceiver Module
logo
Vishay Siliconix
TFBS6711 VISHAY-TFBS6711 Datasheet
216Kb / 14P
   Low Profile Fast Infrared Transceiver (FIR, 4 Mbit/s) for IrDA Applications
Rev. 1.3, 21-Feb-07
TFDU5307 VISHAY-TFDU5307 Datasheet
270Kb / 17P
   Fast Low Profile (2.5 mm) Infrared Transceiver Module(MIR, 1.152 Mbit/s) for IrDA Applications
Rev. 1.5, 07-Apr-06
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.5, 08-Jul-09
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
   Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
Rev. 1.0, 11-Jul-06
logo
Unity Opto Technology
UTS-413T UOT-UTS-413T Datasheet
62Kb / 4P
   Infrared IrDA Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com