Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65030YZKR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65030YZKR
Description  POWER MANAGEMENT IC for USB-OTG
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65030YZKR Datasheet(HTML) 3 Page - Texas Instruments

  TPS65030YZKR Datasheet HTML 1Page - Texas Instruments TPS65030YZKR Datasheet HTML 2Page - Texas Instruments TPS65030YZKR Datasheet HTML 3Page - Texas Instruments TPS65030YZKR Datasheet HTML 4Page - Texas Instruments TPS65030YZKR Datasheet HTML 5Page - Texas Instruments TPS65030YZKR Datasheet HTML 6Page - Texas Instruments TPS65030YZKR Datasheet HTML 7Page - Texas Instruments TPS65030YZKR Datasheet HTML 8Page - Texas Instruments TPS65030YZKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS65030
SLVS620 – FEBRUARY 2006
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
25-ball chip scale (YZK)
1.7 W
17 mW/
°C
940 mW
680 mW
(1)
The thermal resistance junction to ambient of the 5 x 5 ball chip scal package is 58
°C/W when soldered on a double sided board.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage at VIN
3
5
V
Maximum output current at Vbus
100
mA
Maximum output current at Vout2
22
mA
IO
Maximum output current at Vout3
200
mA
Maximum output current at Vout4
50
mA
CI
Input capacitor at VIN
8
10
µF
Output capacitance at Vbus
3
4.7
6.5(1)
µF
CO1
Output capacitance at Vbus required for stability, for VI ≤ 4.2 V
2
µF
CO2
Output capacitance at Vout2
0.8
1
µF
CO3
Output capacitance at Vout3
8
10
µF
CO4
Output capacitance at Vout4
0.8
1
µF
Capacitance for flying capacitor, CF1A, CF1B
0.8
1
µF
Capacitance for flying capacitor CF3
0.7
1
µF
Capacitance for flying capacitor CF2
0.077
0.1
µF
TJ
Operating junction temperature
–40
125
°C
(1)
Per USB spec
3
Submit Documentation Feedback


Similar Part No. - TPS65030YZKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65030YZKR TI1-TPS65030YZKR Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
More results

Similar Description - TPS65030YZKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
logo
Richtek Technology Corp...
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
   Power Management IC for SSD
logo
Silicon Mitus, Inc.
SM5007 SILICONMITUS-SM5007 Datasheet
645Kb / 2P
   Power Management IC for IoT
March 2018 Rev1.0.0
logo
Richtek Technology Corp...
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
   Power Management IC for SSD
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Rohm
BH6039KN ROHM-BH6039KN Datasheet
208Kb / 3P
   Power management IC for cellular phones
logo
ON Semiconductor
HPM10 ONSEMI-HPM10_16 Datasheet
141Kb / 18P
   Power Management IC for Hearing Aids
September, 2016 ??Rev. 4
logo
Toshiba Semiconductor
TB62501F TOSHIBA-TB62501F Datasheet
406Kb / 48P
   Power Management IC for Notebook PC
14-Jan-03 Rev.2.0
logo
Rohm
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
   Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
logo
ATMEL Corporation
AT73C203 ATMEL-AT73C203 Datasheet
48Kb / 3P
   Power Management IC for Datacom Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com