Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL2007PWE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74GTL2007PWE4
Description  12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL2007PWE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74GTL2007PWE4 Datasheet HTML 2Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 3Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 4Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 5Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 6Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 7Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 8Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 9Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN74GTL2007
12BIT GTL/GTL/GTL+ TO LVTTL TRANSLATOR
SCLS609 − MARCH 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VTT = 1.2 V, VREF = 0.8 V FOR GTL AND VTT = 1.5 V, VREF = 1 V FOR GTL+
VOLTAGE WAVEFORM 5
PROPAGATION DELAY TIMES
(B port to A (I/O) port)†
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR A OUTPUTS
S1
2
y VCC
Open
GND
500
500
TEST
tPLH/tPHL
tPLZ/tPZL
S1
Open
2
y VCC
tPLH
tPHL
Input
(see Note B)
Output
S1 at 2
y VCC
VOL
tPZL
tPLZ
3 V
0 V
VREF
VREF
VTT
VOL
0 V
VOL + 0.3 V
Input
(see Note B)
VCC
VOLTAGE WAVEFORM 1
PROPAGATION DELAY TIMES
(A port to B port)†
VOLTAGE WAVEFORM 6
ENABLE AND DISABLE TIMES
(EN2 to A (I/O) port)†
Output
VTT
Test
Point
CL = 30 pF
(see Note A)
From Output
Under Test
50
LOAD CIRCUIT FOR B OUTPUTS
tPLH
tPHL
0 V
VTT
VOL
Input
(see Note B)
VOLTAGE WAVEFORM 3
PROPAGATION DELAY TIMES
(B port to B port)†
Output
VTT
VREF
VREF
† All control inputs are LVTTL levels.
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
C. The outputs are measured one at a time, with one transition per measurement.
1.5 V
1.5 V
1.5 V
tPLH
tPHL
0 V
1.5 V
1.5 V
VOH
VOL
Input
(see Note B)
VOLTAGE WAVEFORM 2
PROPAGATION DELAY TIMES
(B port to A port)†
Output
VREF
VREF
VTT
VREF
VREF
tPLH
tPHL
0 V
1.5 V
1.5 V
VOH
VOL
Input
(see Note B)
VOLTAGE WAVEFORM 4
PROPAGATION DELAY TIMES
(ENn to A port)†
Output
1.5 V
1.5 V
3 V
Input
(see Note B)
Output
S1 at 2
y VCC
VOL
tPZL
tPLZ
0 V
VOL + 0.3 V
VTT
VCC
1.5 V
VREF
VREF
1.5 V
1.5 V
3 V
Figure 1. Load Circuits and Voltage Waveforms


Similar Part No. - SN74GTL2007PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
More results

Similar Description - SN74GTL2007PWE4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
   Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com