Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST173C10CDK0P Datasheet(PDF) 4 Page - International Rectifier

Part # ST173C10CDK0P
Description  INVERTER GRADE THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST173C10CDK0P Datasheet(HTML) 4 Page - International Rectifier

  ST173C10CDK0P Datasheet HTML 1Page - International Rectifier ST173C10CDK0P Datasheet HTML 2Page - International Rectifier ST173C10CDK0P Datasheet HTML 3Page - International Rectifier ST173C10CDK0P Datasheet HTML 4Page - International Rectifier ST173C10CDK0P Datasheet HTML 5Page - International Rectifier ST173C10CDK0P Datasheet HTML 6Page - International Rectifier ST173C10CDK0P Datasheet HTML 7Page - International Rectifier ST173C10CDK0P Datasheet HTML 8Page - International Rectifier ST173C10CDK0P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ST173CPbF Series
4
Bulletin I25233 10/06
www.irf.com
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance,
0.17
DC operation single side cooled
junction to heatsink
0.08
DC operation double side cooled
R
thC-hs
Max. thermal resistance,
0.033
DC operation single side cooled
case to heatsink
0.017
DC operation double side cooled
F
Mounting force, ± 10%
4900
N
(500)
(Kg)
wt
Approximate weight
50
g
Parameter
ST173C..C
Units
Conditions
K/W
Thermal and Mechanical Specification
°C
Case style
TO - 200AB (A-PUK)
See Outline Table
K/W
ΔR
thJ-hs
Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
Single Side Double Side Single Side Double Side
180°
0.015
0.016
0.011
0.011
120°
0.018
0.019
0.019
0.019
90°
0.024
0.024
0.026
0.026
K/W
T
J
= T
J
max.
60°
0.035
0.035
0.036
0.037
30°
0.060
0.060
0.060
0.061
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
Ordering Information Table
5
68
9
ST
17
3
C
12
C
H
K
1
P
3
4
10
7
Device Code
12
1 - Thyristor
2 - Essential part number
3 - 3 = Fast turn off
4 - C = Ceramic Puk
5 - Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6 - C = Puk Case TO-200AB (A-PUK)
7 - Reapplied dv/dt code (for t
q
test condition)
8 -t
q
code
9 - 0 = Eyelet term. (Gate and Aux. Cathode Unsoldered Leads)
1 = Fast-on term. (Gate and Aux. Cathode Unsoldered Leads)
2 = Eyelet term. (Gate and Aux. Cathode Soldered Leads)
3 = Fast-on term. (Gate and Aux. Cathode Soldered Leads)
- Critical dv/dt:
None = 500V/µsec (Standard value)
L
= 1000V/µsec (Special selection)
- P = Lead Free
10
t
q
(µs)
dv/dt - t
q
combinations available
dv/dt (V/µs)
20
50
100
200
400
15
CL
--
--
--
--
18
CP
DP
EP
FP *
--
20
CK
DK
EK
FK *
HK
25
CJ
DJ
EJ
FJ
HJ
30
--
DH
EH
FH
HH
*Standard part number.
All other types available only on request.
11
11


Similar Part No. - ST173C10CDK0P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST173C12CHK0LP VISHAY-ST173C12CHK0LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK0P VISHAY-ST173C12CHK0P Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK1LP VISHAY-ST173C12CHK1LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK1P VISHAY-ST173C12CHK1P Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK2LP VISHAY-ST173C12CHK2LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
More results

Similar Description - ST173C10CDK0P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST303S04PFN0P VISHAY-VS-ST303S04PFN0P Datasheet
309Kb / 11P
   Inverter Grade Thyristors
Revision: 08-Jul-14
logo
International Rectifier
ST083S IRF-ST083S Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST333C04CFL0 VISHAY-VS-ST333C04CFL0 Datasheet
279Kb / 11P
   Inverter Grade Thyristors
Revision: 20-Dec-13
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
   Inverter Grade Thyristors
Revision: 02-Jun-15
VS-ST183S08PFL0P VISHAY-VS-ST183S08PFL0P Datasheet
1Mb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
   Inverter Grade Thyristors
Revision: 26-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com