Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST485BN Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST485BN
Description  Low power RS-485/RS-422 transceiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485BN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST485BN Datasheet HTML 4Page - STMicroelectronics ST485BN Datasheet HTML 5Page - STMicroelectronics ST485BN Datasheet HTML 6Page - STMicroelectronics ST485BN Datasheet HTML 7Page - STMicroelectronics ST485BN Datasheet HTML 8Page - STMicroelectronics ST485BN Datasheet HTML 9Page - STMicroelectronics ST485BN Datasheet HTML 10Page - STMicroelectronics ST485BN Datasheet HTML 11Page - STMicroelectronics ST485BN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
ST485
8/19
4.2
Receiver switching characteristics
VCC = 5V ± 5%, TA = TMIN to TMAX , unless otherwise specified. Typical values are referred
to TA = 25°C)
Table 7.
Receiver switching characteristics
Symbol
Parameter
Test conditions (1)
Value
Unit
-40 to 85 °C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay Input
to Output
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 8.)
20
130
210
230
ns
tSKD
Differential Receiver
Skew
RDIFF = 54ΩCL1 = CL2 = 100pF
(See
Figure 4. and Figure 8.)
13
ns
tPZH
Output Enable Time
CRL = 15pFS1 = Closed
(See Fig. 2 and
Figure 9.)
20
50
56
ns
tPZL
Output Enable Time
CRL = 15pFS2 = Closed
(See Fig. 2 and
Figure 9.)
20
50
56
ns
tPLZ
Output Disable Time
CRL = 15pFS1 = Closed
(See Fig. 2 and
Figure 9.)
20
50
56
ns
tPHZ
Output Disable Time
CRL = 15pFS2 = Closed
(See Fig. 2 and
Figure 9.)
20
50
56
ns
fMAX
Maximum Data Rate
2.5
2.5
Mbps
1.
All currents into device pins are positive; all cuttents out of device pins are negative; all voltages are referenced to device
ground unless specified


Similar Part No. - ST485BN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485BN STMICROELECTRONICS-ST485BN Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485BN STMICROELECTRONICS-ST485BN Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
More results

Similar Description - ST485BN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com