Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75110A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN75110A
Description  DUAL LINE DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75110A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75110A Datasheet HTML 3Page - Texas Instruments SN75110A Datasheet HTML 4Page - Texas Instruments SN75110A Datasheet HTML 5Page - Texas Instruments SN75110A Datasheet HTML 6Page - Texas Instruments SN75110A Datasheet HTML 7Page - Texas Instruments SN75110A Datasheet HTML 8Page - Texas Instruments SN75110A Datasheet HTML 9Page - Texas Instruments SN75110A Datasheet HTML 10Page - Texas Instruments SN75110A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SN55110A, SN75110A, SN75112
DUAL LINE DRIVERS
SLLS106F – DECEMBER 1975 – REVISED JULY 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
VCC– – Negative Supply Voltage – V
Figure 2
12
10
8
6
4
14
–3
–7
–4
–5
–6
2
0
SN55110A, SN75110A
ON-STATE OUTPUT CURRENT
vs
NEGATIVE SUPPLY VOLTAGE
VCC+ = 4.5 V
VO = –3 V
TA = 25°C
Figure 3
–3
35
–7
0
–4
–5
–6
5
10
15
20
25
30
VCC– – Negative Supply Voltage – V
SN75112
ON-STATE OUTPUT CURRENT
vs
NEGATIVE SUPPLY VOLTAGE
VCC+ = 4.5 V
VO = –3 V
TA = 25°C


Similar Part No. - SN75110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75110A TI-SN75110A Datasheet
172Kb / 11P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110A TI-SN75110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110A TI-SN75110A Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110A TI1-SN75110A Datasheet
875Kb / 22P
[Old version datasheet]   DUAL LINE DRIVERS
SN75110A TI-SN75110A Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
More results

Similar Description - SN75110A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
logo
National Semiconductor ...
DS75110A NSC-DS75110A Datasheet
306Kb / 7P
   Dual Line Drivers
logo
Texas Instruments
SN55110A TI1-SN55110A_14 Datasheet
875Kb / 22P
[Old version datasheet]   DUAL LINE DRIVERS
SN55110A TI-SN55110A_V01 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL LINE DRIVERS
REVISED NOVEMBER 2024
SN55110A TI-SN55110A_06 Datasheet
547Kb / 18P
[Old version datasheet]   DUAL LINE DRIVERS
SN55109A TI-SN55109A Datasheet
172Kb / 11P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI1-SN55121_14 Datasheet
441Kb / 14P
[Old version datasheet]   DUAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com