Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST173C10CCP1P Datasheet(PDF) 5 Page - International Rectifier

Part # ST173C10CCP1P
Description  INVERTER GRADE THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST173C10CCP1P Datasheet(HTML) 5 Page - International Rectifier

  ST173C10CCP1P Datasheet HTML 1Page - International Rectifier ST173C10CCP1P Datasheet HTML 2Page - International Rectifier ST173C10CCP1P Datasheet HTML 3Page - International Rectifier ST173C10CCP1P Datasheet HTML 4Page - International Rectifier ST173C10CCP1P Datasheet HTML 5Page - International Rectifier ST173C10CCP1P Datasheet HTML 6Page - International Rectifier ST173C10CCP1P Datasheet HTML 7Page - International Rectifier ST173C10CCP1P Datasheet HTML 8Page - International Rectifier ST173C10CCP1P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ST173CPbF Series
5
Bulletin I25233 10/06
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
40
50
60
70
80
90
100
110
120
130
0
40
80
120
160
200
240
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
ST173C..C Series
(Single Side Cooled)
R
(DC) = 0.17 K/ W
thJ-hs
20
30
40
50
60
70
80
90
100
110
120
130
0
50
100
150
200
250
300
350
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Period
ST173C..C Series
(Single Side Cooled)
R
(DC) = 0.17 K/ W
thJ-hs
Outline Table
Case Style TO-200AB (A-PUK)
All dimensions in millimeters (inches)
DIA. MAX.
4.75 (0.19)
28 (1.10)
6.5 (0.26)
19 (0.75)
0.3 (0.01) MIN.
0.3 (0.01) MIN.
13.7 / 14.4
(0.54 / 0.57)
25°± 5°
GATE TERM. FOR
1.47 (0.06) DIA.
PIN RECEPTACLE
ANODE TO GATE
CREEPAGE DISTANCE: 7.62 (0.30) MIN.
STRIKE DISTANCE: 7.12 (0.28) MIN.
19 (0.75)
DIA. MAX.
38 (1.50) DIA MAX.
2 HOLES 3.56 (0.14) x
1.83 (0.07) MIN. DEEP
42 (1.65) MAX.
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)


Similar Part No. - ST173C10CCP1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST173C12CHK0LP VISHAY-ST173C12CHK0LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK0P VISHAY-ST173C12CHK0P Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK1LP VISHAY-ST173C12CHK1LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK1P VISHAY-ST173C12CHK1P Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK2LP VISHAY-ST173C12CHK2LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
More results

Similar Description - ST173C10CCP1P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST303S04PFN0P VISHAY-VS-ST303S04PFN0P Datasheet
309Kb / 11P
   Inverter Grade Thyristors
Revision: 08-Jul-14
logo
International Rectifier
ST083S IRF-ST083S Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST333C04CFL0 VISHAY-VS-ST333C04CFL0 Datasheet
279Kb / 11P
   Inverter Grade Thyristors
Revision: 20-Dec-13
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
   Inverter Grade Thyristors
Revision: 02-Jun-15
VS-ST183S08PFL0P VISHAY-VS-ST183S08PFL0P Datasheet
1Mb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
   Inverter Grade Thyristors
Revision: 26-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com