Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4733A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 1N4733A
Description  Series One Watt Zeners
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4733A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1N4733A Datasheet HTML 1Page - Fairchild Semiconductor 1N4733A Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
www.fairchildsemi.com
1N4728A - 1N4758A Rev. H1
Notes:
1. Zener Voltage (VZ)
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
Top Mark Information
Device
VZ (V) @ IZ (Note 1)
Test Current
IZ (mA)
Max. Zener Impedance
Leakage Current
Min.
Typ.
Max.
ZZ @ IZ
(
Ω)
ZZK @
IZK (Ω)
IZK
(mA)
IR
(
μA)
VR
(V)
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
12.35
14.25
15.2
17.1
19
13
15
16
18
20
13.65
15.75
16.8
18.9
21
19
17
15.5
14
12.5
10
14
16
20
22
700
700
700
750
750
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
9.9
11.4
12.2
13.7
15.2
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
20.9
22.8
25.65
28.5
31.35
22
24
27
30
33
23.1
25.2
28.35
31.5
34.65
11.5
10.5
9.5
8.5
7.5
23
25
35
40
45
750
750
750
1000
1000
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
16.7
18.2
20.6
22.8
25.1
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
34.2
37.05
40.85
44.65
48.45
36
39
43
47
51
37.8
40.95
45.15
49.35
53.55
7
6.5
6
5.5
5
50
60
70
80
95
1000
1000
1500
1500
1500
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
27.4
29.7
32.7
35.8
38.8
1N4758A
53.2
56
58.8
4.5
110
2000
0.25
5
42.6
Device
Line 1
Line 2
Line 3
Line 4
Line 5
1N4728A
1N4729A
1N4730A
1N4731A
1N4732A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
28
29
30
31
32
A
A
A
A
A
XY
XY
XY
XY
XY
1N4733A
1N4734A
1N4735A
1N4736A
1N4737A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
33
34
35
36
37
A
A
A
A
A
XY
XY
XY
XY
XY
1N4738A
1N4739A
1N4740A
1N4741A
1N4742A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
38
39
40
41
42
A
A
A
A
A
XY
XY
XY
XY
XY
1N4743A
1N4744A
1N4745A
1N4746A
1N4747A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
43
44
45
46
47
A
A
A
A
A
XY
XY
XY
XY
XY
1N4748A
1N4749A
1N4750A
1N4751A
1N4752A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
48
49
50
51
52
A
A
A
A
A
XY
XY
XY
XY
XY
1N4753A
1N4754A
1N4755A
1N4756A
1N4757A
LOGO
LOGO
LOGO
LOGO
LOGO
47
47
47
47
47
53
54
55
56
57
A
A
A
A
A
XY
XY
XY
XY
XY
1N4758A
LOGO
47
58
A
XY


Similar Part No. - 1N4733A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4733A PHILIPS-1N4733A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4733A VISHAY-1N4733A Datasheet
96Kb / 5P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
SEMTECH ELECTRONICS LTD...
1N4733A SEMTECH_ELEC-1N4733A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
List of Unclassifed Man...
1N4733A ETC1-1N4733A Datasheet
16Kb / 1P
   Zener Diodes
logo
Suntan Capacitors
1N4733A SUNTAN-1N4733A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
More results

Similar Description - 1N4733A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
BZX79C FAIRCHILD-BZX79C Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
New Jersey Semi-Conduct...
UZ706 NJSEMI-UZ706 Datasheet
120Kb / 2P
   POWER ZENERS 3 Watt
logo
Digitron Semiconductors
UZ7706 DIGITRON-UZ7706 Datasheet
117Kb / 2P
   6 WATT POWER ZENERS
UZ4706 DIGITRON-UZ4706 Datasheet
143Kb / 2P
   5 WATT POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ806 NJSEMI-UZ806 Datasheet
131Kb / 3P
   POWER ZENERS 6 Watt, Military, 10 Watt Military
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com