Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST173C12CEP1P Datasheet(PDF) 3 Page - International Rectifier

Part # ST173C12CEP1P
Description  INVERTER GRADE THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST173C12CEP1P Datasheet(HTML) 3 Page - International Rectifier

  ST173C12CEP1P Datasheet HTML 1Page - International Rectifier ST173C12CEP1P Datasheet HTML 2Page - International Rectifier ST173C12CEP1P Datasheet HTML 3Page - International Rectifier ST173C12CEP1P Datasheet HTML 4Page - International Rectifier ST173C12CEP1P Datasheet HTML 5Page - International Rectifier ST173C12CEP1P Datasheet HTML 6Page - International Rectifier ST173C12CEP1P Datasheet HTML 7Page - International Rectifier ST173C12CEP1P Datasheet HTML 8Page - International Rectifier ST173C12CEP1P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ST173CPbF Series
3
Bulletin I25233 10/06
www.irf.com
V
TM
Max. peak on-state voltage
2.07
I
TM
= 600A, T
J
= T
J
max, t
p
= 10ms sine wave pulse
V
T(TO)1
Low level value of threshold
voltage
V
T(TO)2
High level value of threshold
voltage
r
t1
Low level value of forward
slope resistance
r
t2
High level value of forward
slope resistance
I
H
Maximum holding current
600
T
J
= 25°C, I
T
> 30A
I
L
Typical latching current
1000
T
J
= 25°C, V
A
= 12V, Ra = 6
Ω, I
G
= 1A
Parameter
ST173C..C
Units
Conditions
On-state Conduction
1.55
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
1.61
(I >
π x I
T(AV)
), T
J
= T
J
max.
V
0.87
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
0.77
(I >
π x I
T(AV)
), T
J
= T
J
max.
m
Ω
mA
di/dt
Max. non-repetitive rate of rise
T
J
= T
J
max, V
DRM
= rated V
DRM
of turned-on current
I
TM
= 2 x di/dt
T
J= 25°C, V
DM
= rated V
DRM
, I
TM
= 50A DC, t
p
= 1µs
Resistive load, Gate pulse: 10V, 5
Ω source
T
J
= T
J
max, I
TM
= 300A, commutating di/dt = 20A/µs
V
R
= 50V, t
p
= 500µs, dv/dt: see table in device code
Switching
Parameter
ST173C..C
Units
Conditions
1000
A/µs
t
d
Typical delay time
1.1
Min
Max
dv/dt
Maximum critical rate of rise of
T
J
= T
J
max. linear to 80% V
DRM
, higher value
off-state voltage
available on request
I
RRM
Max. peak reverse and off-state
I
DRM
leakage current
Parameter
ST173C..C
Units
Conditions
Blocking
500
V/
μs
40
mA
T
J
= T
J
max, rated V
DRM
/V
RRM
applied
P
GM
Maximum peak gate power
60
P
G(AV)
Maximum average gate power
10
I
GM
Max. peak positive gate current
10
A
T
J
= T
J
max, t
p
5ms
+V
GM
Maximum peak positive
gate voltage
-V
GM
Maximum peak negative
gate voltage
I
GT
Max. DC gate current required
to trigger
V
GT
Max. DC gate voltage required
to trigger
I
GD
Max. DC gate current not to trigger
20
mA
V
GD
Max. DC gate voltage not to trigger
0.25
V
Triggering
Parameter
ST173C..C
Units
Conditions
20
5
VT
J
= T
J
max, t
p
5ms
200
mA
3V
T
J
= 25°C, V
A
= 12V, Ra = 6
Ω
T
J
= T
J
max, rated V
DRM
applied
t
q
Max. turn-off time
15
3 0
µs
WT
J
= T
J
max, f = 50Hz, d% = 50


Similar Part No. - ST173C12CEP1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST173C12CHK0LP VISHAY-ST173C12CHK0LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK0P VISHAY-ST173C12CHK0P Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK1LP VISHAY-ST173C12CHK1LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK1P VISHAY-ST173C12CHK1P Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
ST173C12CHK2LP VISHAY-ST173C12CHK2LP Datasheet
147Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 330 A
Revision: 29-Apr-08
More results

Similar Description - ST173C12CEP1P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST303S04PFN0P VISHAY-VS-ST303S04PFN0P Datasheet
309Kb / 11P
   Inverter Grade Thyristors
Revision: 08-Jul-14
logo
International Rectifier
ST083S IRF-ST083S Datasheet
246Kb / 9P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST333C04CFL0 VISHAY-VS-ST333C04CFL0 Datasheet
279Kb / 11P
   Inverter Grade Thyristors
Revision: 20-Dec-13
VS-ST103SP VISHAY-VS-ST103SP Datasheet
192Kb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
logo
New Jersey Semi-Conduct...
ST083S NJSEMI-ST083S Datasheet
157Kb / 4P
   INVERTER GRADE THYRISTORS
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
VS-ST223C VISHAY-VS-ST223C Datasheet
246Kb / 11P
   Inverter Grade Thyristors
Revision: 02-Jun-15
VS-ST183S08PFL0P VISHAY-VS-ST183S08PFL0P Datasheet
1Mb / 11P
   Inverter Grade Thyristors
Revision: 11-Mar-14
VS-ST083S04 VISHAY-VS-ST083S04 Datasheet
217Kb / 11P
   Inverter Grade Thyristors
Revision: 26-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com