Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40Z300MQ6TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # M40Z300MQ6TR
Description  5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300MQ6TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M40Z300MQ6TR Datasheet HTML 3Page - STMicroelectronics M40Z300MQ6TR Datasheet HTML 4Page - STMicroelectronics M40Z300MQ6TR Datasheet HTML 5Page - STMicroelectronics M40Z300MQ6TR Datasheet HTML 6Page - STMicroelectronics M40Z300MQ6TR Datasheet HTML 7Page - STMicroelectronics M40Z300MQ6TR Datasheet HTML 8Page - STMicroelectronics M40Z300MQ6TR Datasheet HTML 9Page - STMicroelectronics M40Z300MQ6TR Datasheet HTML 10Page - STMicroelectronics M40Z300MQ6TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
M40Z300, M40Z300W
OPERATION
The M40Z300/W, as shown in Figure 7., page 6,
can control up to four (eight, if placed in parallel)
standard low-power SRAMs. These SRAMs must
be configured to have the chip enable input dis-
able all other input signals. Most slow, low-power
SRAMs are configured like this, however many
fast SRAMs are not. During normal operating con-
ditions, the conditioned chip enable (E1CON to
E4CON) output pins follow the chip enable (E) input
pin with timing shown in Figure 8., page 8 and Ta-
ble 7., page 14. An internal switch connects VCC
to VOUT. This switch has a voltage drop of less
than 0.3V (IOUT1).
When VCC degrades during a power failure,
E1CON to E4CON are forced inactive independent
of E. In this situation, the SRAM is unconditionally
write protected as VCC falls below an out-of-toler-
ance threshold (VPFD). For the M40Z300 the pow-
er fail detection value associated with VPFD is
selected by the Threshold Select (THS) pin and is
shown in Table 6., page 12. For the M40Z300W,
the THS pin selects both the supply voltage and
VPFD (also shown in Table 6., page 12).
Note: In either case, THS pin must be connected
to either VSS or VOUT.
If chip enable access is in progress during a power
fail detection, that memory cycle continues to com-
pletion before the memory is write protected. If the
memory cycle is not terminated within time tWPT,
E1CON to E4CON are unconditionally driven high,
write protecting the SRAM. A power failure during
a WRITE cycle may corrupt data at the currently
addressed location, but does not jeopardize the
rest of the SRAM's contents. At voltages below
VPFD (min), the user can be assured the memory
will be write protected within the Write Protect
Time (tWPT) provided the VCC fall time exceeds tF
(see Figure 8., page 8).
As VCC continues to degrade, the internal switch
disconnects VCC and connects the internal battery
to VOUT. This occurs at the switchover voltage
(VSO). Below the VSO, the battery provides a volt-
age VOHB to the SRAM and can supply current
IOUT2 (see Table 6., page 12).
When VCC rises above VSO, VOUT is switched
back to the supply voltage. Outputs E1CON to
E4CON are held inactive for tCER (120ms maxi-
mum) after the power supply has reached VPFD,
independent of the E input, to allow for processor
stabilization (see Figure 12., page 13).
Two to Four Decode
The M40Z300/W includes a 2 input (A, B) decoder
which allows the control of up to 4 independent
SRAMs. The Truth Table for these inputs is shown
in Table 2.
Table 2. Truth Table
Inputs
Outputs
E
BA
E1CON
E2CON
E3CON
E4CON
H
X
X
H
HHH
LLLL
H
H
H
LL
H
H
L
H
H
LHLH
HLH
L
HHH
HH
L


Similar Part No. - M40Z300MQ6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300MQ6E STMICROELECTRONICS-M40Z300MQ6E Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300MQ6E STMICROELECTRONICS-M40Z300MQ6E Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40Z300MQ6F STMICROELECTRONICS-M40Z300MQ6F Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z300MQ6F STMICROELECTRONICS-M40Z300MQ6F Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
More results

Similar Description - M40Z300MQ6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com