Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C4001-90XB1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27C4001-90XB1
Description  4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4001-90XB1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27C4001-90XB1 Datasheet HTML 7Page - STMicroelectronics M27C4001-90XB1 Datasheet HTML 8Page - STMicroelectronics M27C4001-90XB1 Datasheet HTML 9Page - STMicroelectronics M27C4001-90XB1 Datasheet HTML 10Page - STMicroelectronics M27C4001-90XB1 Datasheet HTML 11Page - STMicroelectronics M27C4001-90XB1 Datasheet HTML 12Page - STMicroelectronics M27C4001-90XB1 Datasheet HTML 13Page - STMicroelectronics M27C4001-90XB1 Datasheet HTML 14Page - STMicroelectronics M27C4001-90XB1 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
M27C4001
Device operation
11/25
2.10
Erasure operation (applies to UV EPROM)
The erasure characteristics of the M27C4001 are such that erasure begins when the cells
are exposed to light with wavelengths shorter than approximately 4000 Å. It should be noted
that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 Å
range. Data shows that constant exposure to room level fluorescent lighting could erase a
typical M27C4001 in about 3 years, while it would take approximately 1 week to cause
erasure when exposed to direct sunlight. If the M27C4001 is to be exposed to these types of
lighting conditions for extended periods of time, it is suggested that opaque labels be put
over the M27C4001 window to prevent unintentional erasure. The recommended erasure
procedure for the M27C4001 is exposure to short wave ultraviolet light which has
wavelength of 2537 Å. The integrated dose (i.e. UV intensity x exposure time) for erasure
should be a minimum of 15 W-sec/cm2. The erasure time with this dosage is approximately
15 to 20 minutes using an ultraviolet lamp with 12000
µW/cm2 power rating. The M27C4001
should be placed within 2.5 cm (1 inch) of the lamp tubes during the erasure. Some lamps
have a filter on their tubes which should be removed before erasure.
Table 2.
Operating Modes(1)
1.
X = VIH or VIL, VID = 12V ± 0.5V.
Mode
E
G
A9
Vpp
Q7 - Q0
Read
VIL
VIL
XVCC or VSS
Data Out
Output Disable
VIL
VIH
XVCC or VSS
Hi-Z
Program
VIL Pulse
VIH
XVPP
Data In
Verify
VIH
VIL
XVPP
Data Out
Program Inhibit
VIH
VIH
XVPP
Hi-Z
Standby
VIH
XX
VCC or VSS
Hi-Z
Electronic Signature
VIL
VIL
VID
VCC
Codes
Table 3.
Electronic Signature
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s
Code
VIL
0
010
00
00
20h
Electronic
Signature
VIH
0
100
00
01
41h


Similar Part No. - M27C4001-90XB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4001-90XB1TR STMICROELECTRONICS-M27C4001-90XB1TR Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
M27C4001-90XB1X STMICROELECTRONICS-M27C4001-90XB1X Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
More results

Similar Description - M27C4001-90XB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C4001-10F1 STMICROELECTRONICS-M27C4001-10F1 Datasheet
220Kb / 24P
   4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
M27W401 STMICROELECTRONICS-M27W401_06 Datasheet
211Kb / 23P
   4 Mbit (512Kb x 8) Low Voltage UV EPROM and OTP EPROM
August 2008 Rev 3
M27W401 STMICROELECTRONICS-M27W401 Datasheet
102Kb / 15P
   4 Mbit 512Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C405 STMICROELECTRONICS-M27C405 Datasheet
99Kb / 15P
   4 Mbit (512Kb x 8) OTP EPROM
March 1999
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
   4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com