Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0031 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # PF0031
Description  MOS FET Power Amplifier Module for Mobile Phone
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0031 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button PF0031 Datasheet HTML 5Page - Hitachi Semiconductor PF0031 Datasheet HTML 6Page - Hitachi Semiconductor PF0031 Datasheet HTML 7Page - Hitachi Semiconductor PF0031 Datasheet HTML 8Page - Hitachi Semiconductor PF0031 Datasheet HTML 9Page - Hitachi Semiconductor PF0031 Datasheet HTML 10Page - Hitachi Semiconductor PF0031 Datasheet HTML 11Page - Hitachi Semiconductor PF0031 Datasheet HTML 12Page - Hitachi Semiconductor PF0031 Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PF0031
9
η
T
Pout
20
16
12
8
4
0
60
50
40
30
20
10
0
468
10
Apc Voltage VAPC (V)
Pout,
η
T vs. VAPC (1)
2
f = 890 MHz
Pin = 2 mW
VDD = 12.5 V
Tc = 25
°C
η
T
Pout
20
16
12
8
4
0
60
50
40
30
20
10
0
468
10
Apc Voltage VAPC (V)
Pout,
η
T vs. VAPC (2)
2
f = 915 MHz
Pin = 2 mW
VDD = 12.5 V
Tc = 25
°C


Similar Part No. - PF0031

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0030 HITACHI-PF0030 Datasheet
61Kb / 19P
   MOS FET Power Amplifier
logo
Elektron Components Ltd...
PF0030 BULGIN-PF0030 Datasheet
125Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused, Twin)
PF0030 BULGIN-PF0030 Datasheet
85Kb / 1P
   Accessories
PF0030/28 BULGIN-PF0030/28 Datasheet
125Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused, Twin)
PF0030/PC BULGIN-PF0030/PC Datasheet
125Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused, Twin)
More results

Similar Description - PF0031

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0210 HITACHI-PF0210 Datasheet
47Kb / 12P
   MOS FET Power Amplifier Module for ADC Mobile Phone
PF0121 HITACHI-PF0121 Datasheet
51Kb / 12P
   MOS FET Power Amplifier Module for GSM Mobile Phone
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
PF00105A HITACHI-PF00105A Datasheet
62Kb / 11P
   MOS FET Power Amplifier Module for AMPS Handy Phone
PF01411A HITACHI-PF01411A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0415A HITACHI-PF0415A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for PCS 1900 Handy Phone
PF0414A HITACHI-PF0414A Datasheet
32Kb / 5P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
PF01411B HITACHI-PF01411B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF01412A HITACHI-PF01412A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for E-GSM Handy Phone
PF0414B HITACHI-PF0414B Datasheet
26Kb / 4P
   MOS FET Power Amplifier Module for DCS 1800 Handy Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com