Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80-V102 Datasheet(PDF) 15 Page - Texas Instruments

Part # BQ20Z80-V102
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z80-V102 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ20Z80-V102_07 Datasheet HTML 11Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 12Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 13Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 14Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 15Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 16Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 17Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 18Page - Texas Instruments BQ20Z80-V102_07 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
www.ti.com
bq20z80-V102
SLUS681B – NOVEMBER 2005 – REVISED JANUARY 2007
Table 3. DATAFLASH VALUES (continued)
Class
Subclass
Subclass
Offset
Name
Data
Min Value
Max Value
Default
Units
ID
Type
Value
SBS
48
Data
0
Rem Cap Alarm
U2
0
700
300
mAh
Configuration
2
Rem Time Alarm
U2
0
30
10
Min
4
Init Battery Mode
H2
0x0000
0xffff
0x0081
hex
6
Design Voltage
U2
7000
18000
14400
mV
8
Spec Info
H2
0x0000
0xffff
0x0031
hex
10
Manuf Date
U2
0
65355
0
date
12
Ser. Num.
H2
0x0000
0xffff
0x0001
hex
14
Cycle Count
U2
0
65355
0
cnt
16
CC Threshold
I2
100
32767
4400
mAh
18
CC %
U1
0
100
90
%
19
CF MaxError Limit
U1
0
100
100
%
20
Design Capacity
U2
0
65355
4400
mAh
22
Design Energy
U2
0
65355
6336
10mWh
24
Manuf Name
S12
-
-
Texas Inst.
36
Device Name
S8
-
-
bq20z80
44
Device Chemistry
S5
-
-
LION
SBS
49
Configuration
0
TDA Set %
I1
-1
100
6
%
Configuration
1
TDA Clear %
I1
-1
100
8
%
2
FD Set %
I1
-1
100
2
%
3
FD Clear %
I1
-1
100
5
%
4
TDA Set Volt Threshold
U2
0
16800
5000
mV
6
TDA Set Volt Time
U1
0
60
5
Sec
7
TDA Clear Volt
U2
0
16800
5500
mV
9
FD Set Volt Threshold
U2
0
16800
5000
mV
11
FD Volt Time
U1
0
60
5
Sec
12
FD Clear Volt
U2
0
16800
5500
mV
System Data
56
Manufacturer
0
Pack Lot Code
H2
0x0000
0xffff
0x0000
Data
2
PCB Lot Code
H2
0x0000
0xffff
0x0000
4
Firmware Version
H2
0x0000
0xffff
0x0000
6
Hardware Revision
H2
0x0000
0xffff
0x0000
8
Cell Revision
H2
0x0000
0xffff
0x0000
System Data
58
Manufacturer
0
Manuf. Info
S9
-
-
12345678
Info
System Data
59
LifeTime Data
0
Lifetime Max Temp
I2
0
1400
300
0.1
°C
2
Lifetime Min Temp
I2
-600
1400
200
0.1
°C
4
Lifetime Max Cell Voltage
U2
0
65535
3500
mV
6
Lifetime Min Cell Voltage
U2
0
65535
3200
mV
8
Lifetime Max Pack Voltage
U2
0
65535
14000
mV
10
Lifetime Min Pack Voltage
U2
0
65535
12800
mV
12
Lifetime Max Chg Current
I2
-32768
32767
1500
mA
14
Lifetime Max Dsg Current
I2
-32768
32767
-3000
mA
16
Lifetime Max Chg Power
I2
-32768
32767
1500
10mW
18
Lifetime Max Dsg Power
I2
-32768
32767
-1500
10mW
22
Life Max AvgDsg Cur
I2
-32768
32767
-1000
mA
26
Life Max AvgDsg Pow
I2
-32768
32767
-1500
10mW
28
Lifetime Avg Temp
I2
0
1400
250
0.1
°C
System Data
60
LifeTime Temp
0
LT Temp Samples
U4
0
140000000
0
num
Samples
15
Submit Documentation Feedback


Similar Part No. - BQ20Z80-V102_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
More results

Similar Description - BQ20Z80-V102_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80-V102 TI-BQ20Z80-V102 Datasheet
800Kb / 24P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK-TM TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101_07 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V102 TI-BQ20Z80-V102_08 Datasheet
410Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80 TI-BQ20Z80 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI-BQ20Z40 Datasheet
463Kb / 18P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com