Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N139S Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 6N139S
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N139S Datasheet(HTML) 5 Page - Fairchild Semiconductor

  6N139S Datasheet HTML 1Page - Fairchild Semiconductor 6N139S Datasheet HTML 2Page - Fairchild Semiconductor 6N139S Datasheet HTML 3Page - Fairchild Semiconductor 6N139S Datasheet HTML 4Page - Fairchild Semiconductor 6N139S Datasheet HTML 5Page - Fairchild Semiconductor 6N139S Datasheet HTML 6Page - Fairchild Semiconductor 6N139S Datasheet HTML 7Page - Fairchild Semiconductor 6N139S Datasheet HTML 8Page - Fairchild Semiconductor 6N139S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
www.fairchildsemi.com
Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.2
Isolation Characteristics (TA = 0 to 70°C Unless otherwise specified)
** All Typicals at TA = 25°C
Notes
1. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF, times 100%.
2. Pin 7 open. (6N138 and 6N139 only)
3. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the com-
mon mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO>2.0 V). Common mode transient
immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal,
VCM, to assure that the output will remain in a logic low state (i.e., VO<0.8 V).
4. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted together.
5. For dual channel devices, CI-O is measured by shorting pins 1 and 2 or pins 3 and 4 together and pins 5 through 8 shorted
together.
6. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
I
Characteristics
Test Conditions Symbol
Min
Typ**
Max
Unit
Input-output
insulation leakage current
(Relative humidity = 45%)
(TA = 25°C, t = 5 s)
(VI-O = 3000 VDC)
(Note 8)
II-O
1.0
µA
Withstand insulation test voltage
(RH
≤ 50%, TA = 25°C, II-O ≤ 2 µA)
(Note 4) ( t = 1 min.)
VISO
2500
VRMS
Resistance (input to output)
(Note 4) (VI-O = 500 VDC)
RI-O
1012
Capacitance (input to output)
(Note 4, 5) (f = 1 MHz)
CI-O
0.6
pF
Input-Input
Insulation leakage current
(RH
≤ 45%, VI-I = 500 VDC) (Note 6)
t = 5 s, (HCPL-2730/2731 only)
II-I
0.005
µA
Input-Input Resistance
(VI-I = 500 VDC) (Note 6)
(HCPL-2730/2731 only)
RI-I
1011
Input-Input Capacitance
(f = 1 MHz) (Note 6)
(HCPL-2730/2731 only)
CI-I
0.03
pF


Similar Part No. - 6N139S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N139S FAIRCHILD-6N139S Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
CT Micro International ...
6N139S CTMICRO-6N139S Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
Guangdong Youtai Semico...
6N139S UMW-6N139S Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
logo
Everlight Electronics C...
6N139S(TA)-V EVERLIGHT-6N139S(TA)-V Datasheet
550Kb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN
6N139S(TB)-V EVERLIGHT-6N139S(TB)-V Datasheet
550Kb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN
More results

Similar Description - 6N139S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com