Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C100 Datasheet(PDF) 2 Page - R & E International, Inc.

Part # RE46C100
Description  Piezoelectric Horn Driver Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RANDE [R & E International, Inc.]
Direct Link  http://www.randeint.com
Logo RANDE - R & E International, Inc.

RE46C100 Datasheet(HTML) 2 Page - R & E International, Inc.

  RE46C100 Datasheet HTML 1Page - R & E International, Inc. RE46C100 Datasheet HTML 2Page - R & E International, Inc. RE46C100 Datasheet HTML 3Page - R & E International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RE46C100
Piezoelectric Horn Driver Circuit
R&E International
Product Specification
Telephone 610.992.0727
Facsimile 610.992.0734
E-mail: rande@randeint.com
Page 2 of 3
DS-RE46C100-011507
This datasheet contains PROPRIETARY and CONFIDENTIAL information.
DC Electrical Characteristics at TA = 25°C, VDD=9V, Typical Application (unless otherwise noted)
Limits
Parameter
Symbol
Test
Pin
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
2
Operating
6
9
16
V
Supply Current
IDD1
2
HRNEN and FEED=0V
100
nA
Input Voltage Low
VIL1
8
1
V
Input Voltage High
VIH1
8
2.3
V
IIL1
8
Vin=VSS
-100
nA
Input Leakage Low
ILFD
4
FEED=-10V
-50
uA
IIH1
8
Vin=VDD
100
nA
Input Leakage High
IHFD
4
FEED=22V
50
uA
VOL1
6,7
Iol=16mA
.3
.5
V
Output Voltage Low
VOL2
6,7
Iol=16mA, VDD=7.2V
.9
V
VOh1
6,7
Ioh=-16mA
8.5
8.7
V
Output Voltage High
VOh2
6,7
Ioh=-16mA, VDD=7.2V
6.3
V
Functional Block Diagram
7
4
6
8
5
2
FEED
HORNS
HORNB
HRNEN
VDD
VSS


Similar Part No. - RE46C100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
RE46C100 MICROCHIP-RE46C100 Datasheet
631Kb / 18P
   Piezoelectric Horn Driver Circuit
03/25/14
RE46C100D8F MICROCHIP-RE46C100D8F Datasheet
631Kb / 18P
   Piezoelectric Horn Driver Circuit
03/25/14
RE46C100D8TF MICROCHIP-RE46C100D8TF Datasheet
631Kb / 18P
   Piezoelectric Horn Driver Circuit
03/25/14
RE46C100E8F MICROCHIP-RE46C100E8F Datasheet
631Kb / 18P
   Piezoelectric Horn Driver Circuit
03/25/14
More results

Similar Description - RE46C100

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
   Piezoelectric Horn Driver Circuit
2009
RE46C100 MICROCHIP-RE46C100_14 Datasheet
631Kb / 18P
   Piezoelectric Horn Driver Circuit
03/25/14
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver and LED Driver Circuit
logo
Microchip Technology
RE46C101 MICROCHIP-RE46C101 Datasheet
214Kb / 4P
   Piezoelectric Horn Driver and LED Driver Circuit
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
   Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
   Piezoelectric Horn Driver and Voltage Converter
2009
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com