Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2731W Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HCPL-2731W
Description  Low Input Current High Gain Split Darlington Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2731W Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HCPL-2731W Datasheet HTML 1Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 2Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2731W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
www.fairchildsemi.com
Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.2
Absolute Maximum Ratings (TA = 25°C unless otherwise specified)
Electrical Characteristics (TA = 0 to 70°C Unless otherwise specified)
Individual Component Characteristics
** All Typicals at TA = 25°C
Parameter
Symbol
Value
Units
Storage Temperature
TSTG
-55 to +125
°C
Operating Temperature
TOPR
-40 to +85
°C
Lead Solder Temperature (Wave solder only. See recommended reflow profile graph for
SMD mounting)
TSOL
260 for 10 sec
°C
EMITTER
DC/Average Forward Input Current
Each Channel
IF (avg)
20
mA
Peak Forward Input Current (50% duty cycle, 1 ms P.W.)
Each Channel
IF (pk)
40
mA
Peak Transient Input Current - (
≤1 µs P.W., 300 pps)
IF (trans)
1.0
A
Reverse Input Voltage
Each Channel
VR
5V
Input Power Dissipation
Each Channel
PD
35
mW
DETECTOR
Average Output Current
Each Channel
IO (avg)
60
mA
Emitter-Base Reverse Voltage
(6N138 and 6N139)
VER
0.5
V
Supply Voltage, Output Voltage
(6N138, HCPL-2730)
VCC, VO
-0.5 to 7
V
(6N139, HCPL-2731)
-0.5 to 18
Output Power Dissipation
Each Channel
PO
100
mW
Parameter
Test Conditions Symbol
Device
Min Typ** Max
Unit
EMITTER
TA =25°C
VF
All
1.30
1.7
V
Input Forward Voltage
Each channel (IF = 1.6 mA)
1.75
Input Reverse Breakdown Voltage
(TA = 25°C, IR = 10 µA)
BVR
All
5.0
20
V
Each Channel
Temperature coefficient of forward voltage (IF = 1.6 mA)
(
∆VF/∆TA)
All
-1.8
mV/°C
DETECTOR
Logic high output current
(IF = 0 mA, VO = VCC = 18 V)
IOH
6N139
0.01
100
µA
Each Channel
HCPL-2731
(IF = 0 mA, VO = VCC = 7 V)
6N138
0.01
250
Each Channel
HCPL-2730
Logic low supply
(IF = 1.6 mA, VO = Open)
(VCC = 18 V)
ICCL
6N138
6N139
0.4
1.5
mA
(IF1 = IF2 = 1.6 mA, VCC = 18 V)
HCPL-2731
1.3
3
(VO1 - VO2 = Open, VCC = 7 V
HCPL-2730
Logic high supply
(IF = 0 mA, VO = Open,
VCC = 18 V)
ICCH
6N135
6N136
0.05
10
µA
(IF1 = IF2 = 0 mA, VCC = 18 V)
HCPL-2731
0.10
20
(VO1 - VO2 = Open, VCC = 7 V
HCPL-2730


Similar Part No. - HCPL-2731W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2731W FAIRCHILD-HCPL-2731W Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

Similar Description - HCPL-2731W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com