Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8D1716UBC-FI09 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K8D1716UBC-FI09
Description  16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K8D1716UBC-FI09 Datasheet(HTML) 4 Page - Samsung semiconductor

  K8D1716UBC-FI09 Datasheet HTML 1Page - Samsung semiconductor K8D1716UBC-FI09 Datasheet HTML 2Page - Samsung semiconductor K8D1716UBC-FI09 Datasheet HTML 3Page - Samsung semiconductor K8D1716UBC-FI09 Datasheet HTML 4Page - Samsung semiconductor K8D1716UBC-FI09 Datasheet HTML 5Page - Samsung semiconductor K8D1716UBC-FI09 Datasheet HTML 6Page - Samsung semiconductor K8D1716UBC-FI09 Datasheet HTML 7Page - Samsung semiconductor K8D1716UBC-FI09 Datasheet HTML 8Page - Samsung semiconductor K8D1716UBC-FI09 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
FLASH MEMORY
K8D1716UTC / K8D1716UBC
Revision 1.0
December 2004
4
ORDERING INFORMATION
K 8 D 17 1 6 U T C - Y I 0 7
Samsung
NOR Flash Memory
Device Type
Dual Bank Boot Block
Operating Temperature Range
C = Commercial Temp. (0
°C to 70 °C)
I = Industrial Temp. (-40
°C to 85 °C)
Block Architecture
T = Top Boot Block
B = Bottom Boot Block
Version
ion
Access Time
07 = 70 ns
08 = 80 ns
09 = 90 ns
Operating Voltage Range
2.7V to 3.6V
Organization
x16
Table 1. PRODUCT LINE-UP
Part No.
- 7
-8
-9
Vcc
2.7V~3.6V
Max. Address Access Time (ns)
70ns
80ns
90ns
Max. CE Access Time (ns)
70ns
80ns
90ns
Max. OE Access Time (ns)
25ns
25ns
35ns
Table 2. K8D1716U DEVICE BANK DIVISIONS
Device
Part Number
Bank 1
Bank 2
Mbit
Block Sizes
Mbit
Block Sizes
K8D1716U
8 Mbit
Eight 8 Kbyte/4 Kword,
fifteen 64 Kbyte/32 Kword
8 Mbit
Sixteen
64 Kbyte/32 Kword
Bank Division
17 = 8Mbits + 8Mbits
Package
P = 48TSOP1(Lead-Free) Y = 48 TSOP1
D : FBGA(Lead Free)
F : FBGA


Similar Part No. - K8D1716UBC-FI09

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8D1716UB SAMSUNG-K8D1716UB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBB SAMSUNG-K8D1716UBB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBB-TC07 SAMSUNG-K8D1716UBB-TC07 Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBB-TC08 SAMSUNG-K8D1716UBB-TC08 Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UBB-TC09 SAMSUNG-K8D1716UBB-TC09 Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
More results

Similar Description - K8D1716UBC-FI09

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Samsung semiconductor
K8D6X16UTM SAMSUNG-K8D6X16UTM Datasheet
639Kb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8D6X16UTM SAMSUNG-K8D6X16UTM_06 Datasheet
1Mb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
logo
Macronix International
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Sharp Corporation
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
Silicon Storage Technol...
SST36VF1601C SST-SST36VF1601C Datasheet
422Kb / 34P
   16 Mbit (x8/x16) Dual-Bank Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com