Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1632DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1632DR
Description  High-Performance, Fully-Differential AUDIO OP AMP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1632DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA1632DR Datasheet HTML 3Page - Texas Instruments OPA1632DR Datasheet HTML 4Page - Texas Instruments OPA1632DR Datasheet HTML 5Page - Texas Instruments OPA1632DR Datasheet HTML 6Page - Texas Instruments OPA1632DR Datasheet HTML 7Page - Texas Instruments OPA1632DR Datasheet HTML 8Page - Texas Instruments OPA1632DR Datasheet HTML 9Page - Texas Instruments OPA1632DR Datasheet HTML 10Page - Texas Instruments OPA1632DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
OPA1632
SBOS286A − DECEMBER 2003 − REVISED SEPTEMBER 2006
www.ti.com
7
FULLY-DIFFERENTIAL AMPLIFIERS
Differential signal processing offers a number of
performance advantages in high-speed analog signal
processing systems, including immunity to external
common-mode noise, suppression of even-order
nonlinearities, and increased dynamic range. Fully-dif-
ferential amplifiers not only serve as the primary means
of providing gain to a differential signal chain, but also
provide a monolithic solution for converting single-en-
ded signals into differential signals allowing for easy,
high-performance processing.
A standard configuration for the device is shown in
Figure 2. The functionality of a fully differential amplifier
can be imagined as two inverting amplifiers that share
a common noninverting terminal (though the voltage is
not necessarily fixed). For more information on the
basic theory of operation for fully differential amplifiers,
refer to the Texas Instruments application note
SLOA054, Fully Differential Amplifiers, available for
download from the TI web site (www.ti.com).
+15V
Digital
Output
−15V
V
OCM
V
REF
V
IN+
V
IN
A
IN
A
IN
Figure 2. Typical ADC Circuit
SHUTDOWN FUNCTION
The shutdown (enable) function of the OPA1632 is
referenced to the negative supply of the operational
amplifier. A valid logic low (< 0.8V above negative
supply) applied to the enable pin (pin 7) disables the
amplifier output. Voltages applied to pin 7 that are
greater than 2V above the negative supply place the
amplifier output in an active state, and the device is
enabled. If pin 7 is left disconnected, an internal pull-up
resistor enables the device. Turn-on and turn-off times
are approximately 2
µs each.
Quiescent current is reduced to approximately 0.85mA
when the amplifier is disabled. When disabled, the
output stage is not in a high-impedance state. Thus, the
shutdown function cannot be used to create a
multiplexed switching function in series with multiple
amplifiers.
OUTPUT COMMON-MODE VOLTAGE
The output common-mode voltage pin sets the DC
output voltage of the OPA1632. A voltage applied to the
VOCM pin from a low-impedance source can be used to
directly set the output common-mode voltage. For a
VOCM voltage at mid-supply, make no connection to the
VOCM pin.
Depending on the intended application, a decoupling
capacitor is recommended on the VOCM node to filter
any high-frequency noise that could couple into the
signal path through the VOCM circuitry. A 0.1µF or 1µF
capacitor is generally adequate.
Output common-mode voltage causes additional
current to flow in the feedback resistor network. Since
this current is supplied by the output stage of the
amplifier, this creates additional power dissipation. For
commonly-used feedback resistance values, this
current is easily supplied by the amplifier. The additional
internal power dissipation created by this current may
be significant in some applications and may dictate use
of the MSOP PowerPAD package to effectively control
self-heating.
PowerPAD DESIGN CONSIDERATIONS
The OPA1632 is available in a thermally-enhanced
PowerPAD family of packages. These packages are
constructed using a downset leadframe upon which the
die is mounted (see Figure 3[a] and Figure 3[b]). This
arrangement results in the lead frame being exposed as
a thermal pad on the underside of the package (see
Figure 3[c]). Because this thermal pad has direct
thermal contact with the die, excellent thermal
performance can be achieved by providing a good
thermal path away from the thermal pad.
DIE
DIE
Thermal
Pad
(a) Side View
(b) End View
(c) Bottom View
Figure 3. Views of the Thermally-Enhanced Package.


Similar Part No. - OPA1632DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1632DR TI-OPA1632DR Datasheet
249Kb / 12P
[Old version datasheet]   High-Perfomance, Fully-Differential AUDIO OP AMP
logo
Burr-Brown (TI)
OPA1632DR BURR-BROWN-OPA1632DR Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632DR TI1-OPA1632DR Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
logo
Burr-Brown (TI)
OPA1632DRG4 BURR-BROWN-OPA1632DRG4 Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632DRG4 TI1-OPA1632DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
More results

Similar Description - OPA1632DR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA1632 BURR-BROWN-OPA1632 Datasheet
494Kb / 16P
   High-Performance, Fully-Differential AUDIO OP AMP
logo
Texas Instruments
OPA1632 TI-OPA1632 Datasheet
249Kb / 12P
[Old version datasheet]   High-Perfomance, Fully-Differential AUDIO OP AMP
OPA1632 TI1-OPA1632 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, Fully-Differential Audio Operational Amplifier
logo
Maxim Integrated Produc...
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
   Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
Texas Instruments
OPA1633 TI1-OPA1633_V01 Datasheet
1Mb / 31P
[Old version datasheet]   OPA1633 High-Performance, Fully Differential Audio Operational Amplifier
REVISED JULY 2023
OPA1633 TI1-OPA1633 Datasheet
1Mb / 26P
[Old version datasheet]   OPA1633 High-Performance, Fully-Differential Audio Operational Amplifier
FEBRUARY 2023
logo
National Semiconductor ...
LME49724 NSC-LME49724 Datasheet
699Kb / 24P
   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
Texas Instruments
LME49724 TI1-LME49724 Datasheet
1Mb / 30P
[Old version datasheet]   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com