Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA627BM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA627BM
Description  Precision High-Speed Difet OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA627BM Datasheet(HTML) 4 Page - Texas Instruments

  OPA627BM Datasheet HTML 1Page - Texas Instruments OPA627BM Datasheet HTML 2Page - Texas Instruments OPA627BM Datasheet HTML 3Page - Texas Instruments OPA627BM Datasheet HTML 4Page - Texas Instruments OPA627BM Datasheet HTML 5Page - Texas Instruments OPA627BM Datasheet HTML 6Page - Texas Instruments OPA627BM Datasheet HTML 7Page - Texas Instruments OPA627BM Datasheet HTML 8Page - Texas Instruments OPA627BM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
®
OPA627, 637
TYPICAL PERFORMANCE CURVES
At TA = +25°C, and VS = ±15V, unless otherwise noted.
INPUT VOLTAGE NOISE SPECTRAL DENSITY
1k
100
10
1
1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
VOLTAGE NOISE vs SOURCE RESISTANCE
Source Resistance ( )
1k
100
10
1
100
OPA627 + Resistor
Resistor Noise Only
Spot Noise
at 10kHz
1k
10k
100k
1M
10M
100M
Comparison with
OPA27 Bipolar Op
Amp + Resistor
+
R
S
OPA627 GAIN/PHASE vs FREQUENCY
30
20
10
0
–10
–90
–120
–150
–180
–210
1
Phase
Gain
Frequency (MHz)
10
100
75° Phase
Margin
OPA637 GAIN/PHASE vs FREQUENCY
30
20
10
0
–10
–90
–120
–150
–180
–210
1
10
100
Phase
Gain
Frequency (MHz)
TOTAL INPUT VOLTAGE NOISE vs BANDWIDTH
100
10
1
0.1
0.01
1
10
100
1k
10k
100k
1M
10M
Bandwidth (Hz)
Noise Bandwidth:
0.1Hz to indicated
frequency.
RMS
p-p
OPEN-LOOP GAIN vs FREQUENCY
Frequency (Hz)
1
10
100
1k
10k
100k
1M
10M
100M
140
120
100
80
60
40
20
0
–20
OPA637
OPA627


Similar Part No. - OPA627BM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA627BM BURR-BROWN-OPA627BM Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627BM TI1-OPA627BM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA627BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA404KUG4 TI-OPA404KUG4 Datasheet
760Kb / 16P
[Old version datasheet]   Quad High-Speed Precision Difet 짰 OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com