Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA134UA3 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA134UA3
Description  High Performance AUDIO OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA134UA3 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA134UA3 Datasheet HTML 2Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 3Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 4Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 5Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 6Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 7Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 8Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 9Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
®
OPA134/2134/4134
FPO
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, RL = 2kΩ, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
Ambient Temperature (°C)
100k
10k
1k
100
10
1
0.1
–75
–50
–25
0
25
50
75
100
125
Dual
Single
High Speed Test
Warmed Up
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
10
9
8
7
6
5
4
3
2
1
0
–15
–10
–5
0
5
10
15
High Speed Test
OPEN-LOOP GAIN vs TEMPERATURE
150
140
130
120
110
100
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
R
L = 600Ω
R
L = 2kΩ
R
L = 10kΩ
CMR, PSR vs TEMPERATURE
Ambient Temperature (°C)
120
110
100
90
–75
–50
–25
0
25
50
75
100
125
PSR
CMR
QUIESCENT CURRENT AND SHORT-CIRCUIT CURRENT
vs TEMPERATURE
Ambient Temperature (°C)
4.3
4.2
4.1
4.0
3.9
3.8
60
50
40
30
20
10
–75
–50
–25
0
25
50
75
100
125
±I
SC
±I
Q
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
15
14
13
12
11
10
–10
–11
–12
–13
–14
–15
0
102030405060
Output Current (mA)
–55°C
–55°C
25°C
25°C
85°C
85°C
125°C
125°C
25°C
V
IN = –15V
V
IN = 15V


Similar Part No. - OPA134UA3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134UA3 BURR-BROWN-OPA134UA3 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA134UA3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com