Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA134UA3 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA134UA3
Description  High Performance AUDIO OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA134UA3 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA134UA3 Datasheet HTML 4Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 5Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 6Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 7Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 8Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 9Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 10Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 11Page - Burr-Brown (TI) OPA134UA3 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
8-Jan-2007
Addendum-Page 2


Similar Part No. - OPA134UA3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134UA3 BURR-BROWN-OPA134UA3 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA134UA3

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com