Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2134UAE4 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2134UAE4
Description  High Performance AUDIO OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2134UAE4 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA2134UAE4 Datasheet HTML 1Page - Burr-Brown (TI) OPA2134UAE4 Datasheet HTML 2Page - Burr-Brown (TI) OPA2134UAE4 Datasheet HTML 3Page - Burr-Brown (TI) OPA2134UAE4 Datasheet HTML 4Page - Burr-Brown (TI) OPA2134UAE4 Datasheet HTML 5Page - Burr-Brown (TI) OPA2134UAE4 Datasheet HTML 6Page - Burr-Brown (TI) OPA2134UAE4 Datasheet HTML 7Page - Burr-Brown (TI) OPA2134UAE4 Datasheet HTML 8Page - Burr-Brown (TI) OPA2134UAE4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
®
OPA134/2134/4134
SPECIFICATIONS
At TA = +25°C, VS = ±15V, unless otherwise noted.
OPA134PA, UA
OPA2134PA, UA
OPA4134PA, UA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
AUDIO PERFORMANCE
Total Harmonic Distortion + Noise
G = 1, f = 1kHz, VO = 3Vrms
RL = 2kΩ
0.00008
%
RL = 600Ω
0.00015
%
Intermodulation Distortion
G = 1, f = 1kHz, V
O = 1Vp-p
–98
dB
Headroom(1)
THD < 0.01%, RL = 2kΩ, VS = ±18V
23.6
dBu
FREQUENCY RESPONSE
Gain-Bandwidth Product
8
MHz
Slew Rate(2)
±15
±20
V/
µs
Full Power Bandwidth
1.3
MHz
Settling Time 0.1%
G = 1, 10V Step, CL = 100pF
0.7
µs
0.01%
G = 1, 10V Step, CL = 100pF
1
µs
Overload Recovery Time
(V
IN) • (Gain) = VS
0.5
µs
NOISE
Input Voltage Noise
Noise Voltage, f = 20Hz to 20kHz
1.2
µVrms
Noise Density, f = 1kHz
8
nV/
√Hz
Current Noise Density, f = 1kHz
3
fA/
√Hz
OFFSET VOLTAGE
Input Offset Voltage
±0.5
±2mV
TA = –40°C to +85°C
±1
±3(3)
mV
vs Temperature
T
A = –40°C to +85°C
±2
µV/°C
vs Power Supply (PSRR)
VS = ±2.5V to ±18V
90
106
dB
Channel Separation (Dual, Quad)
dc, RL = 2kΩ
135
dB
f = 20kHz, RL = 2kΩ
130
dB
INPUT BIAS CURRENT
Input Bias Current(4)
V
CM =0V
+5
±100
pA
vs Temperature(3)
See Typical Curve
±5nA
Input Offset Current(4)
VCM =0V
±2
±50
pA
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
(V–)+2.5
±13
(V+)–2.5
V
Common-Mode Rejection
V
CM = –12.5V to +12.5V
86
100
dB
TA = –40°C to +85°C90
dB
INPUT IMPEDANCE
Differential
1013 || 2
Ω || pF
Common-Mode
VCM = –12.5V to +12.5V
1013 || 5
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
RL = 10kΩ, VO = –14.5V to +13.8V
104
120
dB
RL = 2kΩ, VO = –13.8V to +13.5V
104
120
dB
RL = 600Ω, VO = –12.8V to +12.5V
104
120
dB
OUTPUT
Voltage Output
RL = 10kΩ
(V–)+0.5
(V+)–1.2
V
RL = 2kΩ
(V–)+1.2
(V+)–1.5
V
RL = 600Ω
(V–)+2.2
(V+)–2.5
V
Output Current
±35
mA
Output Impedance, Closed-Loop(5)
f = 10kHz
0.01
Open-Loop
f = 10kHz
10
Short-Circuit Current
±40
mA
Capacitive Load Drive (Stable Operation)
See Typical Curve
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±2.5
±18
V
Quiescent Current (per amplifier)
IO = 0
4
5
mA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Storage
–55
+125
°C
Thermal Resistance,
θ
JA
8-Pin DIP
100
°C/W
SO-8 Surface-Mount
150
°C/W
14-Pin DIP
80
°C/W
SO-14 Surface-Mount
110
°C/W
NOTES: (1) dBu = 20*log (Vrms/0.7746) where Vrms is the maximum output voltage for which THD+Noise is less than 0.01%. See THD+Noise text. (2) Guaranteed
by design. (3) Guaranteed by wafer-level test to 95% confidence level. (4) High-speed test at TJ = 25°C. (5) See “Closed-Loop Output Impedance vs Frequency”
typical curve.


Similar Part No. - OPA2134UAE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2134UAE4 BURR-BROWN-OPA2134UAE4 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2134UAE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA134_071 BURR-BROWN-OPA134_071 Datasheet
403Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 BURR-BROWN-OPA134_08 Datasheet
432Kb / 14P
   High Performance AUDIO OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2134UA2K5 TI1-OPA2134UA2K5 Datasheet
1Mb / 20P
[Old version datasheet]   High Performance AUDIO OPERATIONAL AMPLIFIERS
OPA134 TI1-OPA134 Datasheet
415Kb / 22P
[Old version datasheet]   High Performance Audio Operational Amplifiers
logo
Burr-Brown (TI)
OPA134 BURR-BROWN-OPA134 Datasheet
327Kb / 9P
   High Performance AUDIO OPERATIONAL AMPLIFIERS TM
logo
Texas Instruments
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com