Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2101 Datasheet(PDF) 6 Page - Texas Instruments

Part # TSC2101
Description  AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSC2101 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSC2101_07 Datasheet HTML 2Page - Texas Instruments TSC2101_07 Datasheet HTML 3Page - Texas Instruments TSC2101_07 Datasheet HTML 4Page - Texas Instruments TSC2101_07 Datasheet HTML 5Page - Texas Instruments TSC2101_07 Datasheet HTML 6Page - Texas Instruments TSC2101_07 Datasheet HTML 7Page - Texas Instruments TSC2101_07 Datasheet HTML 8Page - Texas Instruments TSC2101_07 Datasheet HTML 9Page - Texas Instruments TSC2101_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 93 page
background image
TSC2101
SLAS392D− JUNE 2003 − REVISED MAY 2005
www.ti.com
6
ELECTRICAL CHARACTERISTICS (continued)
At +25°C, AVDD1, AVDD2, DRVDD, IOVDD = 3.3 V, BVDD = 3.9 V, DVDD = 1.8 V, Vref = 2.5 V, Fs (Audio) = 48 kHz, unless otherwise noted
(continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DAC HEADPHONE OUTPUT
Load = 16 Ω (single-ended), 50 pF
Full-scale output voltage (0dB)
0.848
Vrms
Output common mode
1.5
V
SNR
Measured as idle channel noise, A-weighted
85
95
dBA
THD
−1 dBFS Input, 0-dB gain
−80
−60
dB
PSRR
217 Hz, 100 mV on
AVDD1/AVDD2/DRVDD(1)
55
dB
PSRR
1020 Hz, 100 mV on
AVDD1/AVDD2/DRVDD(1)
55
dB
Interchannel isolation
Coupling from ADC to DAC
80
dB
Mute attenuation
100
dB
Maximum output power
Per channel
44
mW
Digital volume control
−63.5
0
dB
Digital volume control step size
0.5
dB
Channel separation
Between SPK1 and SPK2
−75
dB
DAC SPEAKER OUTPUT
Load = 8 Ω (differential), 50 pF
Full-scale output voltage (0 dB)
1.838
Vrms
Output common mode
1.75
V
SNR
Measured as idle channel noise, A-weighted
90
98
dBA
THD
−1 dBFS Input, 0-dB gain
−74
−55
dB
217 Hz, 100 mV on AVDD1/2
70
PSRR
217 Hz, 100 mV on BVDD
70
dB
PSRR
1020 Hz, 100 mV on AVDD1/2
70
dB
1020 Hz, 100 mV on BVDD
70
Interchannel isolation
Coupling from ADC to DAC
90
dB
Mute attenuation
100
dB
Maximum output power
400
mW
CELLPHONE
MIC INPUT TO CPOUT
1020-Hz Sine wave input on MICIN_HND,
load on CP_OUT = 10 kΩ, 50 pF
Full-scale input voltage (0 dB)
0.707
Vrms
Input common mode
1.5
V
Full-scale output voltage (0 dB)
0.707
Vrms
Output common mode
1.5
V
SNR
Measured as idle channel noise, A-weighted
80
89
dBA
THD
0 dBFS Input, 0-dB gain
−73
−60
dB
217 Hz, 100 mV on AVDD1/AVDD2/DRVDD
43
PSRR
1020 Hz, 100 mV on
AVDD1/AVDD2/DRVDD
43
dB
Interchannel isolation
CP_IN to CP_OUT
75
dB
Mute attenuation
CP_OUT muted
100
dB
(1) DAC PSRR measurement is calculated as:
PSRR + 20 log10
VSIGsup
VSPK1 2


Similar Part No. - TSC2101_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results

Similar Description - TSC2101_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2101 TI-TSC2101_08 Datasheet
1Mb / 95P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com