Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE10A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STE10A Datasheet HTML 7Page - STMicroelectronics STE10A Datasheet HTML 8Page - STMicroelectronics STE10A Datasheet HTML 9Page - STMicroelectronics STE10A Datasheet HTML 10Page - STMicroelectronics STE10A Datasheet HTML 11Page - STMicroelectronics STE10A Datasheet HTML 12Page - STMicroelectronics STE10A Datasheet HTML 13Page - STMicroelectronics STE10A Datasheet HTML 14Page - STMicroelectronics STE10A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
STE10/100A
Pin description
11/82
91
LED M1-
Fd/Col
or
LED M2-
10 link
O
This pin can be programmed as mode 1 or mode 2:
For mode 1:
LED display for full duplex or collision status. This pin will be
driven on continually when a full duplex configuration is
detected. This pin will be driven at a 20 Hz blinking frequency
when a collision status is detected in the half duplex
configuration.
For mode 2:
LED display for 10Ms/s link status. This pin will be driven on
continually when 10Mb/s network operating speed is
detected.
89
Vaux-detect
I
When this pin is asserted, it indicates an auxiliary power
source is supported from the system.
88
Vcc-detect
I
When this pin is asserted, it indicates a PCI power source is
supported.
Pin no.
Name
Digital power pins
5,11,19,31,36,39,45,51,55,75,93,112,115,125
Vss
8,14,27,38,40,48,60,85,111,122,128
Vdd
Analog power pins
94,96,102,106,110
AVss
95,99,100,103,108
AVdd
Table 1.
Pin description (continued)
Pin no.
Name
Type
Description


Similar Part No. - STE10A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
   PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
STE100 STMICROELECTRONICS-STE100 Datasheet
403Kb / 66P
   PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
logo
ABB
STE100 ABB-STE100 Datasheet
484Kb / 2P
   ABB cable glands ??STE Star Teck짰 extreme series
logo
Vishay Siliconix
STE1000-50T4MI VISHAY-STE1000-50T4MI Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
STE1000-60T4MI VISHAY-STE1000-60T4MI Datasheet
128Kb / 7P
   SuperTan® Wet Tantalum Capacitors With Hermetic Seal, Extended Range
05-Jul-2022
More results

Similar Description - STE10A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
   PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
logo
Advanced Micro Devices
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
   PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
   USB to Ethernet MAC Controller with Integrated 10/100 PHY
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
   ISA to Ethernet MAC Controller with Integrated 10/100 PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com