Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K8D1716UTB Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K8D1716UTB
Description  16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K8D1716UTB Datasheet(HTML) 2 Page - Samsung semiconductor

  K8D1716UTB Datasheet HTML 1Page - Samsung semiconductor K8D1716UTB Datasheet HTML 2Page - Samsung semiconductor K8D1716UTB Datasheet HTML 3Page - Samsung semiconductor K8D1716UTB Datasheet HTML 4Page - Samsung semiconductor K8D1716UTB Datasheet HTML 5Page - Samsung semiconductor K8D1716UTB Datasheet HTML 6Page - Samsung semiconductor K8D1716UTB Datasheet HTML 7Page - Samsung semiconductor K8D1716UTB Datasheet HTML 8Page - Samsung semiconductor K8D1716UTB Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
FLASH MEMORY
K8D1716UTB / K8D1716UBB
Revision 0.0
July 2004
2
16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
The K8D1716U featuring single 3.0V power supply, is a 16Mbit
NOR-type Flash Memory organized as 2Mx8 or 1M x16. The
memory architecture of the device is designed to divide its
memory arrays into 39 blocks to be protected by the block
group. This block architecture provides highly flexible erase and
program capability. The K8D1716U NOR Flash consists of two
banks. This device is capable of reading data from one bank
while programming or erasing in the other bank. Access times
of 70ns, 80ns and 90ns are available for the device. The
device
′s fast access times allow high speed microprocessors to
operate without wait states. The device performs a program
operation in units of 8 bits (Byte) or 16 bits (Word) and erases in
units of a block. Single or multiple blocks can be erased. The
block erase operation is completed within typically 0.7 sec. The
device requires 15mA as program/erase current in the standard
and industrial temperature ranges.
The K8D1716U NOR Flash Memory is created by using Sam-
sung's advanced CMOS process technology. This device is
available in 48 pin TSOP1 package. The device is compatible
with EPROM applications to require high-density and cost-
effective nonvolatile read/write storage solutions.
FEATURES
• Single Voltage, 2.7V to 3.6V for Read and Write operations
• Organization
1,048,576 x 16 bit (Word mode)
• Fast Read Access Time : 70ns
• Read While Program/Erase Operation
• Dual Bank architectures
Bank 1 / Bank 2 : 8Mb / 8Mb
• Secode(Security Code) Block : Extra 64K Byte block
• Power Consumption (typical value @5MHz)
- Read Current : 14mA
- Program/Erase Current : 15mA
- Read While Program or Read While Erase Current : 25mA
- Standby Mode/Auto Sleep Mode : 5
µA
• WP/ACC input pin
- Allows special protection of two outermost boot blocks at VIL,
regardless of block protect status
- Removes special protection of two outermost boot block at VIH,
the two blocks return to normal block protect status
- Program time at VHH : 9
µs/word
• Erase Suspend/Resume
• Unlock Bypass Program
• Hardware RESET Pin
• Command Register Operation
• Block Group Protection / Unprotection
• Supports Common Flash Memory Interface
• Industrial Temperature : -40°C to 85°C
• Endurance : 100,000 Program/Erase Cycles Minimum
• Data Retention : 10 years
• Package : 48 Pin TSOP1 : 12 x 20 mm / 0.5 mm Pin pitch
GENERAL DESCRIPTION
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
PIN DESCRIPTION
Pin Name
Pin Function
A0 - A19
Address Inputs
DQ0 - DQ14
Data Inputs / Outputs
DQ15/A-1
DQ15 Data Input / Output
A-1 LSB Address
BYTE
Word / Byte Selection
CE
Chip Enable
OE
Output Enable
RESET
Hardware Reset Pin
RY/BY
Ready/Busy Output
WE
Write Enable
WP/ACC
Hardware Write Protection/Program
Acceleration
Vcc
Power Supply
VSS
Ground
N.C
No Connection
PIN CONFIGURATION
48-pin TSOP1
Standard Type
12mm x 20mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
A15
A14
A13
A12
A11
A10
A9
A8
A19
N.C
WE
RESET
N.C
WP/ACC
RY/BY
A18
A17
A7
A6
A5
A4
A3
A2
A1
A16
BYTE
Vss
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
Vcc
DQ11
DQ3
DQ10
DQ2
DQ9
DQ1
DQ8
DQ0
OE
Vss
CE
A0
Note :
Please refer to the package dimension.


Similar Part No. - K8D1716UTB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC-DC07 SAMSUNG-K8D1716UTC-DC07 Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC-DC08 SAMSUNG-K8D1716UTC-DC08 Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC-DC09 SAMSUNG-K8D1716UTC-DC09 Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC-DI07 SAMSUNG-K8D1716UTC-DI07 Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
More results

Similar Description - K8D1716UTB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Samsung semiconductor
K8D6X16UTM SAMSUNG-K8D6X16UTM Datasheet
639Kb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8D6X16UTM SAMSUNG-K8D6X16UTM_06 Datasheet
1Mb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
   16M (x8/x16) Flash Memory
logo
Macronix International
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Sharp Corporation
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
   16M (x8/x16) Flash Memory
logo
Silicon Storage Technol...
SST36VF1601C SST-SST36VF1601C Datasheet
422Kb / 34P
   16 Mbit (x8/x16) Dual-Bank Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com