Electronic Components Datasheet Search |
|
AD7654 Datasheet(PDF) 3 Page - Analog Devices |
|
AD7654 Datasheet(HTML) 3 Page - Analog Devices |
3 / 32 page AD7952 Rev. 0 | Page 3 of 32 SPECIFICATIONS AVDD = DVDD = 5 V; OVDD = 2.7 V to 5.5 V; VCC = 15 V; VEE = −15 V; VREF = 5 V; all specifications TMIN to TMAX, unless otherwise noted. Table 2. Parameter Conditions/Comments Min Typ Max Unit RESOLUTION 14 Bits ANALOG INPUTS Differential Voltage Range, VIN (VIN+) − (VIN−) 0 V to 5 V VIN = 10 V p-p −VREF +VREF V 0 V to 10 V VIN = 20 V p-p −2 VREF +2 VREF V ±5 V VIN = 20 V p-p −2 VREF +2 VREF V ±10 V VIN = 40 V p-p −4 VREF +4 VREF V Operating Voltage Range VIN+, VIN− to AGND 0 V to 5 V −0.1 +5.1 V 0 V to 10 V −0.1 +10.1 V ±5 V −5.1 +5.1 V ±10 V −10.1 +10.1 V Common-Mode Voltage Range VIN+, VIN− 5 V VREF/2 − 0.1 VREF/2 VREF/2 + 0.1 V 10 V VREF − 0.2 VREF VREF + 0.2 V Bipolar Ranges −0.1 0 +0.1 V Analog Input CMRR fIN = 100 kHz 75 dB Input Current VIN = ±5 V, ±10 V @ 670 kSPS 2201 μA Input Impedance See Analog Inputs section THROUGHPUT SPEED Complete Cycle In warp mode 1 μs Throughput Rate In warp mode 1 1 MSPS Time Between Conversions In warp mode 1 ms Complete Cycle In normal mode 1.25 μs Throughput Rate In normal mode 0 800 kSPS Complete Cycle In impulse mode 1.49 μs Throughput Rate In impulse mode 0 670 kSPS DC ACCURACY Integral Linearity Error2 −1 ±0.3 +1 LSB3 No Missing Codes2 14 Bits Differential Linearity Error2 −1 +1 LSB Transition Noise 0.55 LSB Zero Error (Unipolar or Bipolar) −15 +15 LSB Zero-Error Temperature Drift ±1 ppm/°C Full-Scale Error (Unipolar or Bipolar) −20 +20 LSB Full-Scale Error Temperature Drift ±1 ppm/°C Power Supply Sensitivity AVDD = 5 V ± 5% ±0.8 LSB AC ACCURACY Dynamic Range fIN = 2 kHz, −60 dB 84.5 85.5 dB4 Signal-to-Noise Ratio, SNR fIN = 2 kHz 84.5 85.5 dB fIN = 20 kHz 85.5 dB Signal-to-(Noise + Distortion), SINAD fIN = 2 kHz 83 85.4 dB Total Harmonic Distortion fIN = 2 kHz −105 dB Spurious-Free Dynamic Range fIN = 2 kHz 102 dB −3 dB Input Bandwidth VIN = 0 V to 5 V 45 MHz Aperture Delay 2 ns Aperture Jitter 5 ps rms Transient Response Full-scale step 500 ns |
Similar Part No. - AD7654 |
|
Similar Description - AD7654 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |