Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6J8.5A-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMA6J8.5A-TR
Description  High junction temperature Transil TM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6J8.5A-TR Datasheet(HTML) 5 Page - STMicroelectronics

  SMA6J8.5A-TR Datasheet HTML 1Page - STMicroelectronics SMA6J8.5A-TR Datasheet HTML 2Page - STMicroelectronics SMA6J8.5A-TR Datasheet HTML 3Page - STMicroelectronics SMA6J8.5A-TR Datasheet HTML 4Page - STMicroelectronics SMA6J8.5A-TR Datasheet HTML 5Page - STMicroelectronics SMA6J8.5A-TR Datasheet HTML 6Page - STMicroelectronics SMA6J8.5A-TR Datasheet HTML 7Page - STMicroelectronics SMA6J8.5A-TR Datasheet HTML 8Page - STMicroelectronics SMA6J8.5A-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMA6J
Characteristics
5/10
Figure 4.
Junction capacitance versus
reverse applied voltage (typical
values) (SMA6JxxA)
Figure 5.
Junction capacitance versus
reverse applied voltage (typical
values) (SMA6JxxCA)
10
100
1000
10000
1
10
100
1000
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R
SMA6J5.0A
SMA6J13A
SMA6J26A
SMA6J58A
SMA6J188A
1
10
100
1000
10000
1
10
100
1000
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R
SMA6J5.0CA
SMA6J13CA
SMA6J26CA
SMA6J58CA
SMA6J188CA
Figure 6.
Peak forward voltage drop versus
peak forward current (typical
values)
Figure 7.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (printed
ciruit board FR4, SCu = 1 cm
2)
Figure 8.
Thermal resistance junction to
ambient versus copper surface
under each lead (printed circuit
board FR4, eCu = 35 µm)
Figure 9.
Leakage current versus junction
temperature (typical values)
1.E-02
1.E-01
1.E+00
1.E+01
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
I
(A)
FM
V
(V)
FM
T =25°C
j
T =125°C
j
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Zth(j-a)/Rth(j-a)
t (S)
p
40
50
60
70
80
90
100
110
120
130
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Rth(j-a)(°C/W)
S
(cm )
CU
2
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
25
50
75
100
125
150
175
I (nA)
R
T (°C)
j
V=
R VRM
V
11.7V
BR
V
11.7V
BR
>


Similar Part No. - SMA6J8.5A-TR

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMA6J8.5A-C SECOS-SMA6J8.5A-C Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
logo
Bourns Electronic Solut...
SMA6J8.5A-Q BOURNS-SMA6J8.5A-Q Datasheet
159Kb / 6P
   SMA6J-Q Transient Voltage Suppressor Diode Series
REV. 10/20
More results

Similar Description - SMA6J8.5A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
   High junction temperature Transil
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
   High junction temperature Transil?
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
   High junction temperature Transil
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
   High junction temperature Transil?
September 2008 Rev 1
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
   High junction temperature Transil
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
   High junction temperature Transil?
1-5KE6V8A STMICROELECTRONICS-1-5KE6V8A Datasheet
150Kb / 6P
   TRANSIL-TM
ESDA6V1B1 STMICROELECTRONICS-ESDA6V1B1 Datasheet
61Kb / 6P
   TRANSIL-TM ARRAY FOR ESD PROTECTION
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
   HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
logo
Silikron Semiconductor ...
SSBD10L100CT SILIKRON-SSBD10L100CT Datasheet
462Kb / 6P
   High Junction Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com