Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C3T100I7ES Datasheet(PDF) 71 Page - Altera Corporation

Part # EP1C3T100I7ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3T100I7ES Datasheet(HTML) 71 Page - Altera Corporation

Back Button EP1C3T100I7ES Datasheet HTML 67Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 68Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 69Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 70Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 71Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 72Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 73Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 74Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 75Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
Altera Corporation
4–1
January 2007
Preliminary
4. DC & Switching
Characteristics
Operating
Conditions
Cyclone® devices are offered in both commercial, industrial, and
extended temperature grades. However, industrial-grade and extended-
temperature-grade devices may have limited speed-grade availability.
Tables 4–1 through 4–16 provide information on absolute maximum
ratings, recommended operating conditions, DC operating conditions,
and capacitance for Cyclone devices.
Table 4–1. Cyclone Device Absolute Maximum Ratings
Notes (1), (2)
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCINT
Supply voltage
With respect to ground (3)
–0.5
2.4
V
VCCIO
–0.5
4.6
V
VCCA
Supply voltage
With respect to ground (3)
–0.5
2.4
V
VI
DC input voltage
–0.5
4.6
V
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
° C
TJ
Junction temperature
BGA packages under bias
135
° C
Table 4–2. Cyclone Device Recommended Operating Conditions (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCINT
Supply voltage for internal logic
and input buffers
(4)
1.425
1.575
V
VCCIO
Supply voltage for output buffers,
3.3-V operation
(4)
3.00
3.60
V
Supply voltage for output buffers,
2.5-V operation
(4)
2.375
2.625
V
Supply voltage for output buffers,
1.8-V operation
(4)
1.71
1.89
V
Supply voltage for output buffers,
1.5-V operation
(4)
1.4
1.6
V
VI
Input voltage
(3), (5)
–0.5
4.1
V
C51004-1.6


Similar Part No. - EP1C3T100I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3T100I7 ALTERA-EP1C3T100I7 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C3T100I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com