Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP1C3T100I7ES Datasheet(PDF) 92 Page - Altera Corporation

Part # EP1C3T100I7ES
Description  Cyclone FPGA Family Data Sheet
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1C3T100I7ES Datasheet(HTML) 92 Page - Altera Corporation

Back Button EP1C3T100I7ES Datasheet HTML 88Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 89Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 90Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 91Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 92Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 93Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 94Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 95Page - Altera Corporation EP1C3T100I7ES Datasheet HTML 96Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 104 page
background image
4–22
Altera Corporation
Preliminary
January 2007
Cyclone Device Handbook, Volume 1
SSTL-2 class II
−278
−320
−362
ps
LVDS
−261
−301
−340
ps
Table 4–41. Cyclone I/O Standard Row Pin Input Delay Adders
I/O Standard
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
LVCMOS
000
ps
3.3-V LVTTL
0
0
0
ps
2.5-V LVTTL
27
31
35
ps
1.8-V LVTTL
182
209
236
ps
1.5-V LVTTL
278
319
361
ps
3.3-V PCI (1)
000
ps
SSTL-3 class I
−250
−288
−325
ps
SSTL-3 class II
−250
−288
−325
ps
SSTL-2 class I
−278
−320
−362
ps
SSTL-2 class II
−278
−320
−362
ps
LVDS
−261
−301
−340
ps
Table 4–42. Cyclone I/O Standard Output Delay Adders for Fast Slew Rate on Column Pins (Part 1 of 2)
Standard
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
LVCMOS
2 mA
0
0
0
ps
4 mA
−489
−563
−636
ps
8 mA
−855
−984
−1,112
ps
12 mA
−993
−1,142
−1,291
ps
3.3-V LVTTL
4 mA
0
0
0
ps
8 mA
−347
−400
−452
ps
12 mA
−858
−987
−1,116
ps
16 mA
−819
−942
−1,065
ps
24 mA
−993
−1,142
−1,291
ps
Table 4–40. Cyclone I/O Standard Column Pin Input Delay Adders (Part 2 of 2)
I/O Standard
-6 Speed Grade
-7 Speed Grade
-8 Speed Grade
Unit
Min
Max
Min
Max
Min
Max


Similar Part No. - EP1C3T100I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C3T100I7 ALTERA-EP1C3T100I7 Datasheet
1Mb / 94P
   Cyclone FPGA Family
More results

Similar Description - EP1C3T100I7ES

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C12Q240C8N ALTERA-EP1C12Q240C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP1C20F ALTERA-EP1C20F Datasheet
1Mb / 106P
   Cyclone FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE55F29I7 ALTERA-EP4CE55F29I7 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family Overview
logo
Xilinx, Inc
XC3SD3400A-5FG676C XILINX-XC3SD3400A-5FG676C Datasheet
2Mb / 101P
   Spartan-3A DSP FPGA Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com