Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV16212DLG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74CBTLV16212DLG4
Description  LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV16212DLG4 Datasheet(HTML) 1 Page - Texas Instruments

  74CBTLV16212DLG4 Datasheet HTML 1Page - Texas Instruments 74CBTLV16212DLG4 Datasheet HTML 2Page - Texas Instruments 74CBTLV16212DLG4 Datasheet HTML 3Page - Texas Instruments 74CBTLV16212DLG4 Datasheet HTML 4Page - Texas Instruments 74CBTLV16212DLG4 Datasheet HTML 5Page - Texas Instruments 74CBTLV16212DLG4 Datasheet HTML 6Page - Texas Instruments 74CBTLV16212DLG4 Datasheet HTML 7Page - Texas Instruments 74CBTLV16212DLG4 Datasheet HTML 8Page - Texas Instruments 74CBTLV16212DLG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74CBTLV16212
LOW VOLTAGE 24BIT FET BUSEXCHANGE SWITCH
SCDS044I − DECEMBER 1997 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D 4-Ω Switch Connection Between Two Ports
D Rail-to-Rail Switching on Data I/O Ports
D Ioff Supports Partial-Power-Down Mode
Operation
D Break-Before-Make Feature
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
description/ordering information
The SN74CBTLV16212 provides 24 bits of
high-speed bus switching or exchanging. The low
on-state
resistance
of
the
switch
allows
connections to be made with minimal propagation
delay.
The device operates as a 24-bit bus switch or a
12-bit bus exchanger, which provides data
exchanging between the four signal ports via the
data-select (S0, S1, S2) terminals.
This
device
is
fully
specified
for
partial-power-down applications using Ioff. The Ioff
feature ensures that damaging current will not
backflow through the device when it is powered
down. The device has isolation during power off.
The SN74CBTLV16212 is specified by the
break-before-make feature to have no through
current when switching between B ports.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP − DL
Tube
SN74CBTLV16212DL
CBTLV16212
−40
°C to 85°C
SSOP − DL
Tape and reel
SN74CBTLV16212DLR
CBTLV16212
−40
°C to 85°C
TSSOP − DGG
Tape and reel
SN74CBTLV16212GR
CBTLV16212
TVSOP − DGV
Tape and reel
SN74CBTLV16212VR
CN212
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
S0
1A1
1A2
2A1
2A2
3A1
3A2
GND
4A1
4A2
5A1
5A2
6A1
6A2
7A1
7A2
VCC
8A1
GND
8A2
9A1
9A2
10A1
10A2
11A1
11A2
12A1
12A2
S1
S2
1B1
1B2
2B1
2B2
3B1
GND
3B2
4B1
4B2
5B1
5B2
6B1
6B2
7B1
7B2
8B1
GND
8B2
9B1
9B2
10B1
10B2
11B1
11B2
12B1
12B2
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.


Similar Part No. - 74CBTLV16212DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV16212DLG4 TI1-74CBTLV16212DLG4 Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
More results

Similar Description - 74CBTLV16212DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212 Datasheet
76Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
74CBTLV16212 RENESAS-74CBTLV16212 Datasheet
281Kb / 6P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
JUNE 2019
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212_14 Datasheet
105Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com