Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1582 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CM1582
Description  3A LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CM1582 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CM1582 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1582 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CM1582
3A LOW DROPOUT VOLTAGE REGULATOR
2002/02/05
Preliminary Rev. 1
Champion Microelectronic Corporation
Page 4
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 0mA, and TJ = +25℃; unless otherwise noted
CM1582
Parameter
Device
Test Conditions
Min.
Typ.
Max.
Unit
CM1582D
VCONTROL = 3.3V, VPOWER = 2.5V
1.792
1.800
1.818
V
CM1582K
VCONTROL = 5.0V, VPOWER = 3.3V
2.474
2.500
2.525
V
CM1582S
VCONTROL = 5.0V, VPOWER = 4.1V
3.267
3.300
3.333
V
Output Voltage
CM1582ZJ
VCONTROL = 7.0V, VPOWER = 5.8V
4.950
5.000
5.050
V
CM1582D
VCONTROL = 3.3V, VPOWER = 2.5V
1.771
1.800
1.829
V
CM1582K
VCONTROL = 5.0V, VPOWER = 3.3V
2.460
2.500
2.540
V
CM1582S
VCONTROL = 5.0V, VPOWER = 4.1V
3.247
3.300
3.353
V
Output Voltage
CM1582ZJ
VCONTROL = 7.0V, VPOWER = 5.8V
IOUT = 3A
4.920
5.000
5.080
V
VCONTROL = 5.0V, VPOWER = 3.3V (note1)
1.238
1.250
1.262
V
Reference Voltage CM1582(adj)
VCONTROL = (VOUT + 1.5V) to 12V, VPOWER = (VOUT +
0.8V) to 7V, IOUT = 10mA to 3A
1.230
1.250
1.270
V
Line Regulator (note 2)
1.5V+ VOUT <= VCONTROL <= 12V,
0.8V<= VPOWER - VOUT <= 5.5V
0.04
0.20
%
Load Regulation (note 2)
VCONTROL = VOUT + 2.5V, VPOWER = VOUT + 0.8V,
IOUT = 10mA to 3A
0.08
0.3
%
IOUT = 10mA
Dropout Voltage (Note 3)
VCONTROL - VOUT
VPOWER = VOUT + 0.8V
IOUT = 3A
1.00
1.15
1.15
1.30
V
IOUT = 10mA
Dropout Voltage (Note 3)
VPOWER - VOUT
VCONTROL = VOUT + 2.5V
IOUT = 3A
0.10
0.45
0.17
0.50
V
Adjust Pin Current
VCONTROL = 2.75V, VPOWER = 2.05V,
IOUT = 10mA
50
120
µA
Control Pin Current
VCONTROL = VOUT + 2.5V, VPOWER = VOUT + 0.8V,
IOUT = 10mA to 3A
80
135
mA
Current Limit
(VIN – VOUT ) = 1.5V
3
4
A
Minimum Load Current (Note 4)
VCONTROL = 5.0V, VPOWER = 3.3V
5
10
mA
Ripple Rejection (Note 5)
VCONTROL = VPOWER = VOUT + 2.5V,
VRIPPLE = 1VPP, IOUT = 2.3A
60
80
dB
Thermal Regulation
TA = 25℃
0.003
%/W
Note 1: Output voltage is set to be 2.5V.
Note 2: Line and load regulations are guaranteed up to maximum power dissipation determined by input/output differential and
the output current. However, the maximum power will not be available over the full input/output voltage range.
Note 3: The specifications represent the minimum input/output voltage required to maintain 1% regulation.
Note 4: The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor
divider used to set the output voltage is selected to meet the minimum load current requirement.
Note 5: These parameters, although guaranteed, are not tested in production prior to shipment.


Similar Part No. - CM1582

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM158 VCC-CM158 Datasheet
32Kb / 1P
   Wedge Base
logo
Chicago Miniature Lamp,...
CM1580 CML-CM1580 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM1580 VCC-CM1580 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
CM1581CN220 ETC1-CM1581CN220 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1582

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
   3A Low dropout voltage regulator
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com