Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1582D Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CM1582D
Description  3A LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CM1582D Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CM1582D Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1582D Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1582D Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1582D Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1582D Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1582D Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1582D Datasheet HTML 9Page - List of Unclassifed Manufacturers CM1582D Datasheet HTML 10Page - List of Unclassifed Manufacturers CM1582D Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CM1582
3A LOW DROPOUT VOLTAGE REGULATOR
2002/02/05
Preliminary Rev. 1
Champion Microelectronic Corporation
Page 8
Output Voltage
The CM1582 adjustable version develops a 1.25V reference voltage between the Sense pin and the Adjust pin (Figure 5). Placing
a resistor between these two terminals causes a constant current to flow through R1 and down through R2 to set the output
voltage. In general R1 is chosen so that this current is the specified minimum load current of 10mA. The current out of the Adjust
pin is small, typically 50uA and it adds to the current for R1. For best regulation the top of the resistor divider should be connected
directly to the Sense pin.


Similar Part No. - CM1582D

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM158 VCC-CM158 Datasheet
32Kb / 1P
   Wedge Base
logo
Chicago Miniature Lamp,...
CM1580 CML-CM1580 Datasheet
22Kb / 1P
   S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM1580 VCC-CM1580 Datasheet
32Kb / 1P
   Single Contact Bayonet Base
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
CM1581CN220 ETC1-CM1581CN220 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1582D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX1587 EXAR-SPX1587 Datasheet
622Kb / 11P
   3A Low Dropout Voltage Regulator
SPX29300 EXAR-SPX29300_16 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
XRP29302ETBTR-L EXAR-XRP29302ETBTR-L Datasheet
2Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX1587 SIPEX-SPX1587 Datasheet
171Kb / 7P
   3A Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
   3A Low dropout voltage regulator
logo
Exar Corporation
XRP29302 EXAR-XRP29302 Datasheet
1Mb / 9P
   3A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1587 ADMOS-AMS1587 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com